전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NUP4304M6 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NUP4304M6
상세설명  Low Capacitance Diode Array for ESD Protection in Four Data Lines
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4304M6 데이터시트(HTML) 1 Page - ON Semiconductor

  NUP4304M6_06 Datasheet HTML 1Page - ON Semiconductor NUP4304M6_06 Datasheet HTML 2Page - ON Semiconductor NUP4304M6_06 Datasheet HTML 3Page - ON Semiconductor NUP4304M6_06 Datasheet HTML 4Page - ON Semiconductor NUP4304M6_06 Datasheet HTML 5Page - ON Semiconductor NUP4304M6_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 1
1
Publication Order Number:
NUP4304MR6/D
NUP4304MR6
Low Capacitance Diode
Array for ESD Protection in
Four Data Lines
NUP4304MR6 is a MicroIntegration
™ device designed to provide
protection for sensitive components from possible harmful electrical
transients; for example, ESD (electrostatic discharge).
Features
Low Capacitance (1.5 pF Maximum Between I/O Lines)
Single Package Integration Design
Provides ESD Protection for JEDEC Standards JESD22
Machine Model = Class C
Human Body Model = Class 3B
Protection for IEC61000−4−2 (Level 4)
8.0 kV (Contact)
15 kV (Air)
Ensures Data Line Speed and Integrity
Fewer Components and Less Board Space
Direct the Transient to Either Positive Side or to the Ground
Applications
USB 1.1 and 2.0 Data Line Protection
T1/E1 Secondary IC Protection
T3/E3 Secondary IC Protection
HDSL, IDSL Secondary IC Protection
Video Line Protection
Microcontroller Input Protection
Base Stations
I2C Bus Protection
Pb−Free Package is Available
MAXIMUM RATINGS (Each Diode) (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
VRRM
70
V
Average Rectified Forward
Current (Note 1)
(averaged over any 20 ms period)
IF(AV)
715
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non−Repetitive Peak Forward Current
t = 1.0
ms
t = 1.0 ms
t = 1.0 S
IFSM
2.0
1.0
0.5
A
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−5 = 1.0
 0.75  0.062 in.
Device
Package
Shipping†
ORDERING INFORMATION
NUP4304MR6T1
TSOP−6
3000/Tape & Reel
MARKING DIAGRAM
TSOP−6
CASE 318F
PLASTIC
http://onsemi.com
LG M
G
G
1
6
6 I/O
5 VN
4 I/O
I/O 1
VP 2
1/O 3
2
5
3
4
PIN CONFIGURATION
AND SCHEMATIC
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NUP4304MR6T1G
TSOP−6
(Pb−Free)
3000/Tape & Reel
LG
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)


유사한 부품 번호 - NUP4304M6_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUP4304MR6 ONSEMI-NUP4304MR6 Datasheet
70Kb / 6P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
January, 2006 ??Rev. 1
NUP4304MR6 ONSEMI-NUP4304MR6 Datasheet
141Kb / 6P
   Low Capacitance Diode Array
January, 2012 ??Rev. 4
NUP4304MR6T1 ONSEMI-NUP4304MR6T1 Datasheet
70Kb / 6P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
January, 2006 ??Rev. 1
NUP4304MR6T1G ONSEMI-NUP4304MR6T1G Datasheet
70Kb / 6P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
January, 2006 ??Rev. 1
NUP4304MR6T1G ONSEMI-NUP4304MR6T1G Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
More results

유사한 설명 - NUP4304M6_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUP4301MR6T1 ONSEMI-NUP4301MR6T1 Datasheet
44Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
February, 2003 - Rev. 2
NUP4301MR6T1 ONSEMI-NUP4301MR6T1_05 Datasheet
57Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
September, 2005 ??Rev. 3
NUP4304MR6 ONSEMI-NUP4304MR6 Datasheet
70Kb / 6P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
January, 2006 ??Rev. 1
SZNUP2301MW6T1G ONSEMI-SZNUP2301MW6T1G Datasheet
134Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Two Data Lines
February, 2012 ??Rev. 5
NUP2301MW6T1 ONSEMI-NUP2301MW6T1 Datasheet
89Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Two Data Lines
January, 2005 ??Rev. 2
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
NUP1301ML3T1 ONSEMI-NUP1301ML3T1 Datasheet
35Kb / 4P
   Low Capacitance Diode Array for ESD Protection in a Single Data Line
January, 2005 ??Rev. 4
logo
Guangdong Youtai Semico...
NUP1301 UMW-NUP1301 Datasheet
190Kb / 3P
   Low Capacitance Diode Array for ESD Protection in a Single Data Line
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com