전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL05T1 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 SL05T1
상세설명  300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SL05T1 데이터시트(HTML) 3 Page - ON Semiconductor

  SL05T1_06 Datasheet HTML 1Page - ON Semiconductor SL05T1_06 Datasheet HTML 2Page - ON Semiconductor SL05T1_06 Datasheet HTML 3Page - ON Semiconductor SL05T1_06 Datasheet HTML 4Page - ON Semiconductor SL05T1_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SL05T1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Device
Device
Marking
VRWM
IR @ VRWM
Breakdown Voltage
(Note 4)
VC, Clamping Voltage
(Note 5)
Max
IPP
Capacitance
VBR @ 1 mA (Volts)
@ 1 A
@ 5 A
@ VR = 0 V, 1 MHz (pF)
(V)
(
mA)
Min
Max
(V)
(V)
(A)
Typ
Max
SL05
L05
5.0
20
6.0
8.0
9.8
11
17
3.5
5.0
SL15
L15
15
1.0
16.7
18.5
24
30
10
3.5
5.0
SL24
L24
24
1.0
26.7
29
43
55
5.0
3.5
5.0
4. VBR measured at pulse test current of 1 mA at an ambient temperature of 25°C
5. Surge current waveform per Figure 2
TYPICAL CHARACTERISTICS
0.1
10
10
Figure 1. Maximum Peak Power Rating
1
PULSE WIDTH (
ms)
100
1000
1
0.1
0.01
Figure 2. 8
× 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
80
Figure 3. Typical Junction Capacitance
−55
25
150
10
1
0.1
0.01
Figure 4. Typical Leakage Over Temperature
TEMPERATURE (
°C)
@ 50% VRWM
4
3.5
3
2
1.5
0.5
0
2.5
1
@ ZERO BIAS
@ VRWM
SL05
SL15
SL24
SL05T1


유사한 부품 번호 - SL05T1_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SL05T1G ONSEMI-SL05T1G Datasheet
113Kb / 5P
   300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
SL05T1G ONSEMI-SL05T1G Datasheet
95Kb / 5P
   Capacitance TVS
October, 2016 ??Rev. 10
More results

유사한 설명 - SL05T1_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SL05T1 ONSEMI-SL05T1 Datasheet
53Kb / 8P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
May, 2002 ??Rev. 3
SL12T1 ONSEMI-SL12T1 Datasheet
113Kb / 5P
   300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
logo
Semtech Corporation
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
logo
Protek Devices
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_12 Datasheet
513Kb / 6P
   300 WATT MULTI-LINE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_11 Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com