전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCA0372 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 TCA0372
상세설명  1.0 A Output Current, Dual Power Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCA0372 데이터시트(HTML) 1 Page - ON Semiconductor

  TCA0372_05 Datasheet HTML 1Page - ON Semiconductor TCA0372_05 Datasheet HTML 2Page - ON Semiconductor TCA0372_05 Datasheet HTML 3Page - ON Semiconductor TCA0372_05 Datasheet HTML 4Page - ON Semiconductor TCA0372_05 Datasheet HTML 5Page - ON Semiconductor TCA0372_05 Datasheet HTML 6Page - ON Semiconductor TCA0372_05 Datasheet HTML 7Page - ON Semiconductor TCA0372_05 Datasheet HTML 8Page - ON Semiconductor TCA0372_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 9
1
Publication Order Number:
TCA0372/D
TCA0372, TCA0372B
1.0 A Output Current,
Dual Power Operational
Amplifiers
The TCA0372 is a monolithic circuit intended for use as a power
operational amplifier in a wide range of applications, including servo
amplifiers and power supplies. No deadband crossover distortion
provides better performance for driving coils.
Features
Output Current to 1.0 A
Slew Rate of 1.3 V/ms
Wide Bandwidth of 1.1 MHz
Internal Thermal Shutdown
Single or Split Supply Operation
Excellent Gain and Phase Margins
Common Mode Input Includes Ground
Zero Deadband Crossover Distortion
Pb−Free Packages are Available*
Figure 1. Representative Block Diagram
VEE
VCC
Output
Thermal
Protection
Current
Bias
Monitoring
Inv.
Input
Noninv.
Input
PDIP−8
DP1 SUFFIX
CASE 626
1
8
1
16
PDIP−16
DP2 SUFFIX
CASE 648
1
16
SOIC−16W
DW SUFFIX
CASE 751G
1
16
SOEIAJ−16
DM2 SUFFIX
CASE 966
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.


유사한 부품 번호 - TCA0372_05

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
TCA0372B ONSEMI-TCA0372B Datasheet
188Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
May, 2013 ??Rev. 11
logo
Motorola, Inc
TCA0372DP1 MOTOROLA-TCA0372DP1 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
logo
ON Semiconductor
TCA0372DP1 ONSEMI-TCA0372DP1 Datasheet
150Kb / 8P
   Dual Power Operational Amplifier
1999 REV 2
logo
Motorola, Inc
TCA0372DP2 MOTOROLA-TCA0372DP2 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
logo
ON Semiconductor
TCA0372DP2 ONSEMI-TCA0372DP2 Datasheet
150Kb / 8P
   Dual Power Operational Amplifier
1999 REV 2
More results

유사한 설명 - TCA0372_05

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV0372BDWR2G ONSEMI-NCV0372BDWR2G Datasheet
188Kb / 10P
   1.0 A Output Current, Dual Power Operational Amplifiers
May, 2013 ??Rev. 11
NCS2372 ONSEMI-NCS2372 Datasheet
151Kb / 6P
   1.0 A Output Current Dual Power Operational Amplifiers
July, 2013 ??Rev. 1
logo
Panasonic Semiconductor
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5216 MITSUBISHI-M5216 Datasheet
271Kb / 4P
   Dual Large-Current Operational Amplifiers(Dual Power Supply Type)
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272 Datasheet
110Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 APEX-PA74 Datasheet
288Kb / 4P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA21 ETC-PA21 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
L272 STMICROELECTRONICS-L272_03 Datasheet
889Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
L272D013TR STMICROELECTRONICS-L272D013TR Datasheet
898Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA74 CIRRUS-PA74 Datasheet
212Kb / 5P
   Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com