전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3842BDR2 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 UC3842BDR2
상세설명  High Performance Current Mode Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3842BDR2 데이터시트(HTML) 5 Page - ON Semiconductor

  UC3842BDR2 Datasheet HTML 1Page - ON Semiconductor UC3842BDR2 Datasheet HTML 2Page - ON Semiconductor UC3842BDR2 Datasheet HTML 3Page - ON Semiconductor UC3842BDR2 Datasheet HTML 4Page - ON Semiconductor UC3842BDR2 Datasheet HTML 5Page - ON Semiconductor UC3842BDR2 Datasheet HTML 6Page - ON Semiconductor UC3842BDR2 Datasheet HTML 7Page - ON Semiconductor UC3842BDR2 Datasheet HTML 8Page - ON Semiconductor UC3842BDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
UC3842B, UC3843B, UC2842B, UC2843B, NCV3843BV
http://onsemi.com
5
0.8
2.0
5.0
8.0
20
50
80
1.0 M
500 k
200 k
100 k
50 k
20 k
10 k
fOSC, OSCILLATOR FREQUENCY (kHz)
VCC = 15 V
TA = 25°C
Figure 2. Timing Resistor
versus Oscillator Frequency
Figure 3. Output Deadtime
versus Oscillator Frequency
1.0 M
500 k
200 k
100 k
50 k
20 k
10 k
fOSC, OSCILLATOR FREQUENCY (kHz)
1.0
2.0
5.0
10
20
50
100
1
2
Figure 4. Oscillator Discharge Current
versus Temperature
Figure 5. Maximum Output Duty Cycle
versus Timing Resistor
7.0
−55
TA, AMBIENT TEMPERATURE (°C)
−25
0
25
50
75
100
125
7.5
8.0
8.5
9.0
VCC = 15 V
VOSC = 2.0 V
40
0.8
RT, TIMING RESISTOR (kW)
1.0
2.0
3.0
4.0
5.0 6.0 7.0 8.0
50
60
70
80
90
100
Idischg = 7.5 mA
VCC = 15 V
CT = 3.3 nF
TA = 25°C
1. CT = 10 nF
2. CT = 5.0 nF
3. CT = 2.0 nF
4. CT = 1.0 nF
5. CT = 500 pF
6. CT = 200 pF
7. CT = 100 pF
5
Idischg = 8.8 mA
7
3
6
4
VCC = 15 V
TA = 25°C
Figure 6. Error Amp Small Signal
Transient Response
Figure 7. Error Amp Large Signal
Transient Response
1.0
ms/DIV
0.5
ms/DIV
2.55 V
2.50 V
2.45 V
3.0 V
2.5 V
2.0 V
VCC = 15 V
AV = −1.0
TA = 25°C
VCC = 15 V
AV = −1.0
TA = 25°C
Where: Vosc = 1.7 V
IRt = Vref/Rt
Idis = 8.3 mA
Freq
+
1
Ct
Vosc
IRt
) Ct Vosc
Idis
*IRt


유사한 부품 번호 - UC3842BDR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
UC3842BDR2G ONSEMI-UC3842BDR2G Datasheet
414Kb / 22P
   High Performance Current Mode Controllers
September, 2013 ??Rev. 17
UC3842BDR2G ONSEMI-UC3842BDR2G Datasheet
743Kb / 25P
   High Performance Current Mode Controllers
August, 2021 - Rev. 18
More results

유사한 설명 - UC3842BDR2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com