전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3843ADG 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 UC3843ADG
상세설명  High Performance Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3843ADG 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button UC3843ADG Datasheet HTML 7Page - ON Semiconductor UC3843ADG Datasheet HTML 8Page - ON Semiconductor UC3843ADG Datasheet HTML 9Page - ON Semiconductor UC3843ADG Datasheet HTML 10Page - ON Semiconductor UC3843ADG Datasheet HTML 11Page - ON Semiconductor UC3843ADG Datasheet HTML 12Page - ON Semiconductor UC3843ADG Datasheet HTML 13Page - ON Semiconductor UC3843ADG Datasheet HTML 14Page - ON Semiconductor UC3843ADG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
UC3842A, UC3843A, UC2842A, UC2843A
http://onsemi.com
11
DESIGN CONSIDERATIONS
Do not attempt to construct the converter on
wire−wrap or plug−in prototype boards. High Frequency
circuit layout techniques are imperative to prevent pulse
width jitter. This is usually caused by excessive noise
pick−up imposed on the Current Sense or Voltage Feedback
inputs. Noise immunity can be improved by lowering circuit
impedances at these points. The printed circuit layout should
contain a ground plane with low−current signal and
high−current switch and output grounds returning on
separate paths back to the input filter capacitor. Ceramic
bypass capacitors (0.1
mF) connected directly to VCC, VC,
and Vref may be required depending upon circuit layout.
This provides a low impedance path for filtering the high
frequency noise. All high current loops should be kept as
short as possible using heavy copper runs to minimize
radiated EMI. The Error Amp compensation circuitry and
the converter output voltage divider should be located close
to the IC and as far as possible from the power switch and
other noise generating components.
Current mode converters can exhibit subharmonic
oscillations when operating at a duty cycle greater than 50%
with continuous inductor current. This instability is
independent of the regulators closed−loop characteristics
and is caused by the simultaneous operating conditions of
fixed frequency and peak current detecting. Figure 20A
shows the phenomenon graphically. At t0, switch
conduction begins, causing the inductor current to rise at a
slope of m1. This slope is a function of the input voltage
divided by the inductance. At t1, the Current Sense Input
reaches the threshold established by the control voltage.
This causes the switch to turn off and the current to decay at
a slope of m2 until the next oscillator cycle. The unstable
condition can be shown if a perturbation is added to the
control voltage, resulting in a small
DI (dashed line). With
a fixed oscillator period, the current decay time is reduced,
and the minimum current at switch turn−on (t2) is increased
by
DI + DI m2/m1. The minimum current at the next cycle
(t3) decreases to (DI +DI m2/m1) (m2/m1). This perturbation
is multiplied by m2.m1 on each succeeding cycle, alternately
increasing and decreasing the inductor current at switch
turn−on. Several oscillator cycles may be required before
the inductor current reaches zero causing the process to
commence again. If m2/m1 is greater than 1, the converter
will be unstable. Figure 20B shows that by adding an
artificial ramp that is synchronized with the PWM clock to
the control voltage, the
DI perturbation will decrease to zero
on succeeding cycles. This compensation ramp (m3) must
have a slope equal to or slightly greater than m2/2 for
stability. With m2/2 slope compensation, the average
inductor current follows the control voltage yielding true
current mode operation. The compensating ramp can be
derived from the oscillator and added to either the Voltage
Feedback or Current Sense inputs (Figure 33).
Figure 20. Continuous Current Waveforms
(A)
(B)
t0
t1
t2
t3
t4
t5
t6
Control Voltage
DI
m1
m2
m3
m1
m2
Oscillator Period
Oscillator Period
Control Voltage
DI
Inductor
Current
D I + DI
m2
m1
m2
m1
DI + DI m2
m1
Inductor
Current


유사한 부품 번호 - UC3843ADG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3843ADG4 TI-UC3843ADG4 Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
UC3843ADG4 TI1-UC3843ADG4 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC3843ADG4 TI1-UC3843ADG4 Datasheet
1Mb / 45P
[Old version datasheet]   Current-Mode PWM Controller
More results

유사한 설명 - UC3843ADG

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com