전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2844N 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 UC2844N
상세설명  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC2844N 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button UC2844N Datasheet HTML 6Page - ON Semiconductor UC2844N Datasheet HTML 7Page - ON Semiconductor UC2844N Datasheet HTML 8Page - ON Semiconductor UC2844N Datasheet HTML 9Page - ON Semiconductor UC2844N Datasheet HTML 10Page - ON Semiconductor UC2844N Datasheet HTML 11Page - ON Semiconductor UC2844N Datasheet HTML 12Page - ON Semiconductor UC2844N Datasheet HTML 13Page - ON Semiconductor UC2844N Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
UC3844, UC3845, UC2844, UC2845
http://onsemi.com
10
Figure 20. Adjustable Reduction of Clamp Level
Figure 21. Soft−Start Circuit
Figure 22. Adjustable Buffered Reduction of
Clamp Level with Soft−Start
Figure 23. Current Sensing Power MOSFET
Virtually lossless current sensing can be achieved with the implement of a SENSEFET
power switch. For proper operation during over current conditions, a reduction of the
Ipk(max) clamp level must be implemented. Refer to Figures 20 and 22.
5(9)
R
R
Bias
OSC
8(14)
4(7)
2(3)
1(1)
2R
R
EA
+
+
Q1
RS
3(5)
5(8)
1.0V
R
S
Q
Comp/Latch
5.0Vref
VClamp
Vin
VCC
7(11)
6(10)
+
+
+
+
7(12)
+
R1 R2
R2
VClamp
1.67
+ 1
+ 0.33 x 10−3
Ipk(max)
VClamp
RS
Where: 0
≤ VClamp ≤ 1.0 V
R2
R1
1.0mA
R1
R1 + R2
5(9)
R
R
Bias
OSC
8(14)
4(7)
2(3)
1(1)
2R
R
EA
+
+
1.0V
R
S
Q
5.0Vref
+
+
+
C
tSoft−Start  3600C in mF
1.0mA
5(9)
R
R
Bias
OSC
8(14)
4(7)
2(3)
1(1)
2R
R
EA
+
+
Q1
RS
3(5)
5(8)
1.0V
R
S
Q
Comp/Latch
5.0Vref
VClamp
Vin
VCC
7(11)
6(10)
+
+
+
+
7(12)
+
MPSA63
R1
R2
C
tSoftstart = − In
1 −
VC
R1 R2
C
R2
VClamp
1.67
+ 1
Ipk(max)
VClamp
RS
Where: 0
≤ VClamp ≤ 1.0 V
1.0mA
R1
3VClamp
R1 + R2
RS
1/4 W
(5)
(8)
R
S
Q
Comp/Latch
5.0Vref
Vin
VCC
(11)
(10)
+
+
+
+
(12)
+
Power Ground
To Input Source
Return
VPin 5 ≈
If: SENSEFET = MTP10N10M
RS = 200
Then: Vpin 5 = 0.075 Ipk
SENSEFET
RS Ipk rDS(on)
M
G
D
S
K
Control CIrcuitry
Ground:
To Pin (9)
rDM(on) + RS
+ 0.33 x 10−3
R1 R2
R1 + R2
Figure 24. Current Waveform Spike Suppression
The addition of the RC filter will eliminate
instability caused by the leading edge spike on
the current waveform.
Q1
RS
3(5)
5(8)
R
S
Q
Comp/Latch
5.0Vref
Vin
VCC
7(11)
6(10)
+
+
+
+
7(12)
+
R
C
T
T
T
T
T


유사한 부품 번호 - UC2844N

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
UC2844N MOTOROLA-UC2844N Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC2844N TI1-UC2844N Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
ON Semiconductor
UC2844N ONSEMI-UC2844N Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
STMicroelectronics
UC2844N STMICROELECTRONICS-UC2844N Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC2844N TI-UC2844N Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results

유사한 설명 - UC2844N

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com