전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT259ME4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 CD74HCT259ME4
상세설명  High-Speed CMOS Logic 8-Bit Addressable Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT259ME4 데이터시트(HTML) 1 Page - Texas Instruments

  CD74HCT259ME4 Datasheet HTML 1Page - Texas Instruments CD74HCT259ME4 Datasheet HTML 2Page - Texas Instruments CD74HCT259ME4 Datasheet HTML 3Page - Texas Instruments CD74HCT259ME4 Datasheet HTML 4Page - Texas Instruments CD74HCT259ME4 Datasheet HTML 5Page - Texas Instruments CD74HCT259ME4 Datasheet HTML 6Page - Texas Instruments CD74HCT259ME4 Datasheet HTML 7Page - Texas Instruments CD74HCT259ME4 Datasheet HTML 8Page - Texas Instruments CD74HCT259ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS173C
Features
• Buffered Inputs and Outputs
• Four Operating Modes
• Typical Propagation Delay of 15ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC259 and ’HCT259 Addressable Latch features the
low-power consumption associated with CMOS circuitry and
has speeds comparable to low-power Schottky.
This latches three active modes and one reset mode. When
both the Latch Enable (LE) and Master Reset (MR) inputs are
low (8-line Demultiplexer mode) the output of the addressed
latch follows the Data input and all other outputs are forced
low. When both MR and LE are high (Memory Mode), all
outputs are isolated from the Data input, i.e., all latches hold
the last data presented before the LE transition from low to
high. A condition of LE low and MR high (Addressable Latch
mode) allows the addressed latch’s output to follow the data
input; all other latches are unaffected. The Reset mode (all
outputs low) results when LE is high and MR is low.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC259F3A
-55 to 125
16 Ld CERDIP
CD54HCT259F3A
-55 to 125
16 Ld CERDIP
CD74HC259E
-55 to 125
16 Ld PDIP
CD74HC259M
-55 to 125
16 Ld SOIC
CD74HC259MT
-55 to 125
16 Ld SOIC
CD74HC259M96
-55 to 125
16 Ld SOIC
CD74HCT259E
-55 to 125
16 Ld PDIP
CD74HCT259M
-55 to 125
16 Ld SOIC
CD74HCT259MT
-55 to 125
16 Ld SOIC
CD74HCT259M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC259, CD74HC259,
CD54HCT259, CD74HCT259
High-Speed CMOS Logic
8-Bit Addressable Latch
[ /Title
(CD74
HC259
,
CD74
HCT25
9)
/Sub-
ject
(High
Speed
CMOS
Logic
8-Bit
Addres
sable
Latch)


유사한 부품 번호 - CD74HCT259ME4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT259ME4 TI-CD74HCT259ME4 Datasheet
428Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD74HCT259ME4 TI-CD74HCT259ME4 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
More results

유사한 설명 - CD74HCT259ME4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC259 TI-CD54HC259_07 Datasheet
428Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
DC74HC259 TI-DC74HC259 Datasheet
62Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259 Datasheet
271Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259_08 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD4099BE TI-CD4099BE Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
CD4724BE TI-CD4724BE Datasheet
437Kb / 10P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
logo
Renesas Technology Corp
CD4099BMS RENESAS-CD4099BMS Datasheet
409Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Intersil Corporation
CD4724BMS INTERSIL-CD4724BMS Datasheet
109Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B Datasheet
262Kb / 5P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com