전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74V225-7PAG 데이터시트(PDF) 9 Page - Texas Instruments

부품명 SN74V225-7PAG
상세설명  512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74V225-7PAG 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74V225-7PAG Datasheet HTML 5Page - Texas Instruments SN74V225-7PAG Datasheet HTML 6Page - Texas Instruments SN74V225-7PAG Datasheet HTML 7Page - Texas Instruments SN74V225-7PAG Datasheet HTML 8Page - Texas Instruments SN74V225-7PAG Datasheet HTML 9Page - Texas Instruments SN74V225-7PAG Datasheet HTML 10Page - Texas Instruments SN74V225-7PAG Datasheet HTML 11Page - Texas Instruments SN74V225-7PAG Datasheet HTML 12Page - Texas Instruments SN74V225-7PAG Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
SN74V215, SN74V225, SN74V235, SN74V245
512
× 18, 1024 × 18, 2048 × 18, 4096 × 18
DSP-SYNC
 FIRST-IN, FIRST-OUT MEMORIES
SCAS636E – APRIL 2000 – REVISED SEPTEMBER 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
DATA OUTPUTS (Q0–Q17)
Q0–Q17 are data outputs for 18-bit-wide data.
functional description
TIMING MODES:
STANDARD vs FIRST-WORD FALL-THROUGH (FWFT) MODE
The SN74V215, SN74V225, SN74V235, and SN74V245 support two different timing modes. The selection of
the mode of operation is determined during configuration at reset (RS). During an RS operation, the first load
(FL), read expansion input ( RXI), and write-expansion input (WXI) pins are used to select the timing mode as
shown in the truth table (see Table 5). In standard mode, the first word written to an empty FIFO does not appear
on the data output lines unless a specific read operation is performed. A read operation, which consists of
activating read enable (REN) and enabling a rising read clock (RCLK) edge, shifts the word from internal
memory to the data output lines. In FWFT mode, the first word written to an empty FIFO is clocked directly to
the data output lines after three transitions of the RCLK signal. A REN does not have to be asserted to access
the first word.
Various signals, both input and output signals, operate differently, depending on which timing mode is in effect.
FIRST-WORD FALL-THROUGH MODE (FWFT)
In this mode, status flags IR, PAF, HF, PAE, and OR operate in the manner outlined in Table 3. To write data
into the FIFO, WEN must be low. Data presented to the data-in lines is clocked into the FIFO on subsequent
transitions of WCLK. After the first write is performed, the output ready (OR) flag goes low. Subsequent writes
continue to fill the FIFO. PAE goes high after n + 2 words have been loaded into the FIFO, where n is the empty
offset value. The default setting for this value is stated in the footnote of Table 3. This parameter also is user
programmable. See the Programmable Flag Offset Loading section.
If data continues to be written into the FIFO, and no read operations are taking place, HF switches to low when
the 258th (SN74V215), 514th (SN74V225), 1026th (SN74V235), and 2050th (SN74V245) word, respectively,
is written into the FIFO. Continuing to write data into the FIFO causes PAF to go low. Again, if no reads are
performed, PAF goes low after (513 – m) writes for the SN74V215, (1025 – m) writes for the SN74V225,
(2049 – m) writes for the SN74V235, and (4097 – m) writes for the SN74V245, where m is the full offset value.
The default setting for this value is stated in the footnote of Table 3.
When the FIFO is full, the input ready (IR) flag goes high, inhibiting further write operations. If no reads are
performed after a reset, IR goes high after D writes to the FIFO. D = 513 for the SN74V215, 1025 for the
SN74V225, 2049 for the SN74V235, and 4097 for the SN74V245. The additional word in FWFT mode is due
to the capacity of the memory plus output register.
If the FIFO is full, the first read operation causes the IR flag to go low. Subsequent read operations cause PAF
and HF to go high at the conditions described in Table 3. If further read operations occur without write
operations, PAE goes low when there are n + 1 words in the FIFO, where n is the empty offset value. If there
is no empty offset specified, PAE is low when the device is 64 away from empty for SN74V215, and 128 away
from empty for SN74V225, SN74V235, and SN74V245. Continuing read operations cause the FIFO to be
empty. When the last word has been read from the FIFO, OR goes high, inhibiting further read operations. REN
is ignored when the FIFO is empty.


유사한 부품 번호 - SN74V225-7PAG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74V225-7PAG TI-SN74V225-7PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

유사한 설명 - SN74V225-7PAG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Texas Instruments
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com