전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE12S0A0H10PNFA 데이터시트(PDF) 4 Page - Delta Electronics, Inc.

부품명 NE12S0A0H10PNFA
상세설명  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0H10PNFA 데이터시트(HTML) 4 Page - Delta Electronics, Inc.

  NE12S0A0H10PNFA Datasheet HTML 1Page - Delta Electronics, Inc. NE12S0A0H10PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NE12S0A0H10PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NE12S0A0H10PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0H10PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0H10PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0H10PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0H10PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0H10PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DS_NE12S10A_02012007
4
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 7: Output ripple & noise at 12Vin, 0.59V/10A out
Figure 8: Output ripple & noise at 12Vin, 0.9V/10A out
Figure 9: Output ripple & noise at 12Vin, 1.8V/10A out
Figure 10: Output ripple & noise at 12Vin, 2.5V/10A out
Figure 11: Output ripple & noise at 12Vin, 3.3V/10A out
Figure 12: Output ripple & noise at 12Vin, 5.0V/10A out


유사한 부품 번호 - NE12S0A0H10PNFA

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
NE12S0A0H10PNFA DELTA-NE12S0A0H10PNFA Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0H10PNFA DELTA-NE12S0A0H10PNFA Datasheet
656Kb / 12P
   Voltage Margining Adjustment
More results

유사한 설명 - NE12S0A0H10PNFA

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA_13 Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com