전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC-155B4M1RMH 데이터시트(PDF) 1 Page - Delta Electronics, Inc.

부품명 LC-155B4M1RMH
상세설명  155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-155B4M1RMH 데이터시트(HTML) 1 Page - Delta Electronics, Inc.

  LC-155B4M1RMH Datasheet HTML 1Page - Delta Electronics, Inc. LC-155B4M1RMH Datasheet HTML 2Page - Delta Electronics, Inc. LC-155B4M1RMH Datasheet HTML 3Page - Delta Electronics, Inc. LC-155B4M1RMH Datasheet HTML 4Page - Delta Electronics, Inc. LC-155B4M1RMH Datasheet HTML 5Page - Delta Electronics, Inc. LC-155B4M1RMH Datasheet HTML 6Page - Delta Electronics, Inc. LC-155B4M1RMH Datasheet HTML 7Page - Delta Electronics, Inc. LC-155B4M1RMH Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LC-155Bxxxxxx
DELTA ELECTRONICS, INC.
1
www.deltaww.com
Aug., 2006
Rev.:0D
155Mbps, SFF LC Duplex Optical Transceiver Module for
Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
Features:
Full Compliance with the Optical Performance
Requirements of the ATM 100Mbps and 100
Base-LX Version of IEEE 802.3u.
Multisource 2x5 package styles with LC
Receptacle.
Single 3.3V Power Supply.
PECL Differential Inputs and Outputs.
PECL(LC-155B2xxxxxx Series) or TTL
(LC-155B4xxxxxx Series)Receiver Signal
Detect Indicator.
Wave Solder and Aqueous Wash Process
Compatible.
RoHS Compliant per Directive 2002/95/EC.
Description:
The LC-155Bxxxxxx series from DELTA are SFF
(Small Form Factor) optical transceiver modules
designed expressly for high-speed communication
applications that require rates of up to 155Mbps.
They are all compliant with the SONET/SDH
standards.
The LC-155Bxxxxxx transceivers are supplied in
2x5 DIP package style with duplex LC connector
and are fully complaint with SFF Multi Source
Agreement (MSA).
All LC-155Bxxxxxx series can meet Class-1 eye
safety standard and effective distance depends on
ITU-T G.957 standard or power penalty.
The transmitter sections utilize 1310nm Edge
Emitting InGaAsP Laser Diode. This Laser Diode is
packaged in the optical subassembly portion of the
transmitter section.
A custom silicon
IC
that
converts differential PECL logical signals into an
analog LD driving current then drive it.
The
receiver
sections
utilize
InGaAs
PIN
photodiodes
coupled
into
a
custom
silicon
transimpedance
preamplifier
IC.
These
are
packaged in the optical subassembly portion of
receiver.
These PIN / Preamplifier combinations are coupled
into a custom quantizer IC which provides the final
pulse shaping for the logic output and the Signal
Detect function. The data output is differential. The
signal detect output is single-ended.
Application:
Single-mode Fiber Backbone Links.
Fast Ethernet and ATM Compatible.
Single-mode Fiber Media Converter.


유사한 부품 번호 - LC-155B4M1RMH

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
LC-155B4M1 DELTA-LC-155B4M1 Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B4M1T DELTA-LC-155B4M1T Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

유사한 설명 - LC-155B4M1RMH

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155A2H1 DELTA-LC-155A2H1 Datasheet
146Kb / 8P
   155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1RA DELTA-OPT-155A1H1RA Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com