전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY58037U 데이터시트(PDF) 2 Page - Micrel Semiconductor

부품명 SY58037U
상세설명  ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58037U 데이터시트(HTML) 2 Page - Micrel Semiconductor

  SY58037U Datasheet HTML 1Page - Micrel Semiconductor SY58037U Datasheet HTML 2Page - Micrel Semiconductor SY58037U Datasheet HTML 3Page - Micrel Semiconductor SY58037U Datasheet HTML 4Page - Micrel Semiconductor SY58037U Datasheet HTML 5Page - Micrel Semiconductor SY58037U Datasheet HTML 6Page - Micrel Semiconductor SY58037U Datasheet HTML 7Page - Micrel Semiconductor SY58037U Datasheet HTML 8Page - Micrel Semiconductor SY58037U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Precision Edge®
SY58037U
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL BLOCK DIAGRAM
Q0
/Q0
Q1
/Q1
0
MUX
SEL0 (CMOS/TTL)
S2
8:1 MUX
1:2 Fanout
IN0
/IN0
VT0
50
50
VREF-AC0
S1
S0
1
2
3
4
5
6
7
IN1
/IN1
VT1
50
50
IN2
/IN2
VT2
50
50
VREF-AC1
IN3
/IN3
VT3
50
50
IN4
/IN4
VT4
50
50
VREF-AC2
IN5
/IN5
VT5
50
50
IN6
/IN6
VT6
50
50
VREF-AC3
IN7
/IN7
VT7
50
50
SEL1 (CMOS/TTL)
SEL3 (CMOS/TTL)
TRUTH TABLE
SEL2
SEL1
SEL0
Q
/Q
LL
L
IN0
/IN0
LL
H
IN1
/IN1
LH
L
IN2
/IN2
LH
H
IN3
/IN3
HL
L
IN4
/IN4
HL
H
IN5
/IN5
HH
L
IN6
/IN6
HH
H
IN7
/IN7


유사한 부품 번호 - SY58037U

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY58037UMI MICREL-SY58037UMI Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037UMITR MICREL-SY58037UMITR Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037UMY MICREL-SY58037UMY Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037UMYTR MICREL-SY58037UMYTR Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
More results

유사한 설명 - SY58037U

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com