전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88289AL 데이터시트(PDF) 6 Page - Micrel Semiconductor

부품명 SY88289AL
상세설명  3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88289AL 데이터시트(HTML) 6 Page - Micrel Semiconductor

  SY88289AL Datasheet HTML 1Page - Micrel Semiconductor SY88289AL Datasheet HTML 2Page - Micrel Semiconductor SY88289AL Datasheet HTML 3Page - Micrel Semiconductor SY88289AL Datasheet HTML 4Page - Micrel Semiconductor SY88289AL Datasheet HTML 5Page - Micrel Semiconductor SY88289AL Datasheet HTML 6Page - Micrel Semiconductor SY88289AL Datasheet HTML 7Page - Micrel Semiconductor SY88289AL Datasheet HTML 8Page - Micrel Semiconductor SY88289AL Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Micrel, Inc.
SY88289AL
February 2007
6
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Functional Block Diagram
Detailed Description
The SY88289AL low-power limiting post amplifier
operates from a single +3.3V power supply, over
temperatures from –40
oC to +85oC. Signals with data
rates of up to 3.2Gbps and as small as 10mVPP can
be amplified. Figure 1 shows the allowed input voltage
swing. The SY88289AL generates a LOS output.
LOSLVL sets the sensitivity of the input amplitude
detection.
Input Amplifier/Buffer
Figure 2 shows a simplified schematic of the
SY88289AL’s input stage. The high-sensitivity of the
input amplifier allows signals as small as 10mVPP to
be detected and amplified. The input amplifier also
allows input signals as large as 1800mVPP. Input
signals are linearly amplified with a typical 38dB
differential voltage gain. Since it is a limiting amplifier,
the SY88289AL outputs typically 800mVPP voltage-
limited waveforms for input signals that are greater
than 12mVPP. Applications requiring the SY88289AL
to operate with high gain should have the upstream
TIA placed as close as possible to the SY88289AL’s
input pins to ensure the best performance of the
device.
Output Buffer
The SY88289AL’s CML output buffer is designed to
drive 50Ω lines. The output buffer requires appropriate
termination for proper operation. An external 50Ω
resistor to VCC for each output pin provides this. Figure
3 shows a simplified schematic of the output stage.
Loss-of-signal
The SY88289AL generates a chatter-free LOS open-
collector TTL output with an internal 4.75kΩ pull-up
resistor as shown in Figure 4. LOS is used to
determine that the input amplitude is large enough to
be considered a valid input. LOS asserts high if the
input amplitude falls below the threshold sets by
LOSLVL and de-asserts low otherwise. LOS can be fed
back to the enable bar (/EN) input to maintain output
stability under a loss of signal condition. /EN de-
asserts the true output signal without removing the
input signals. Typically, 3.5dB LOS hysteresis is
provided to prevent chattering.
Loss-of-signal Level Set
A programmable LOS level-set (LOSLVL) pin sets the
threshold of the input amplitude detection. Connecting
an external resistor between VCC and LOSLVL sets the
voltage at LOSLVL. This voltage ranges from VREF to
VCC. The external resistor creates a voltage divider
between VCC and VREF as shown in Figure 5.
Hysteresis
The SY88289AL provides typically 3.5dB LOS
electrical hysteresis. By definition, a power ratio
measured in dB is 10log (power ratio). Power is
calculated as V
2
IN/R for an electrical signal. Hence,
the same ratio can be stated as 20log (voltage ratio).
While in linear mode, the electrical voltage input
changes linearly with the optical power and therefore,
the ratios change linearly. Thus, the optical hysteresis
in dB is half the electrical hysteresis in dB given in the
data sheet. Since the SY88289AL is an electrical
device, this data sheet refers to hysteresis in electrical
terms. With 3.5dB LOS hysteresis, a voltage factor of
1.5 is required to assert or de-assert LOS.


유사한 부품 번호 - SY88289AL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88289AL MICREL-SY88289AL Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289ALMG MICREL-SY88289ALMG Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289ALMGTR MICREL-SY88289ALMGTR Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
More results

유사한 설명 - SY88289AL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88315BL MICREL-SY88315BL Datasheet
397Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com