전자부품 데이터시트 검색엔진 |
|
SY88289BL 데이터시트(PDF) 4 Page - Micrel Semiconductor |
|
SY88289BL 데이터시트(HTML) 4 Page - Micrel Semiconductor |
4 / 9 page Micrel, Inc. SY88289BL February 2007 4 M9999-021207-B hbwhelp@micrel.com or (408) 955-1690 AC Electrical Characteristics VCC = 3.0V to 3.6V; RL = 50Ω to VCC; TA = –40°C to +85°C. Symbol Parameter Condition Min Typ Max Units tr, tf Output Rise/Fall Time (20% to 80%) Note 4 60 120 ps tJITTER Deterministic Random Note 5 Note 6 15 5 psPP psRMS VID Differential Input Voltage Swing Figure 1 5 1800 mVPP VOD Differential Output Voltage Swing VID > 18mVPP, Figure 1 700 800 950 mVPP TOFF LOS Release Time 2 10 µs TON LOS Assert Time 2 10 µs LOSAL Low LOS Assert Level RLOSLVL = 15kΩ, Note 8 3.1 mVPP LOSDL Low LOS De-assert Level RLOSLVL = 15kΩ, Note 8 4.8 mVPP HYSL Low LOS Hysteresis RLOSLVL = 15kΩ, Note 7 3.8 dB LOSAM Medium LOS Assert Level RLOSLVL = 5kΩ, Note 8 3 5.2 mVPP LOSDM Medium LOS De-assert Level RLOSLVL = 5kΩ, Note 8 7.5 11 mVPP HYSM Medium LOS Hysteresis RLOSLVL = 5kΩ, Note 7 2 3.2 4.5 dB LOSAH High LOS Assert Level RLOSLVL = 100Ω, Note 8 8 12 mVPP LOSDH High LOS De-assert Level RLOSLVL = 100Ω, Note 8 18 23 mVPP HYSH High LOS Hysteresis RLOSLVL = 100Ω, Note 7 2 3.5 4.5 dB B-3dB 3dB Bandwidth 2 GHz AV(Diff) Differential Voltage Gain 32 38 dB S21 Single-ended Small-Signal Gain 26 32 dB Notes: 4. Amplifier in limiting mode. Input is a 200MHz square wave. 5. Deterministic jitter measured using 3.2Gbps K28.5 pattern, VID = 10mVPP. 6. Random jitter measured using 3.2Gbps K28.7 pattern, VID = 10mVPP. 7. This specification defines electrical hysteresis as 20log (LOS De-assert/LOS Assert). The ratio between optical hysteresis and electrical hysteresis is found to vary between 1.5 and 2 depending upon the level of received optical power and ROSA characteristics. Based on that ratio, the optical hysteresis corresponding to the electrical hysteresis range 1dB-4.5dB, shown in the AC characteristics table will be 0.5dB-3dB Optical Hysteresis. 8. See “Typical Operating Characteristics” for a graph showing how to choose a particular RLOSLVL for a particular LOS assert and its associated de-assert amplitude. |
유사한 부품 번호 - SY88289BL |
|
유사한 설명 - SY88289BL |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |