전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88289CL 데이터시트(PDF) 5 Page - Micrel Semiconductor

부품명 SY88289CL
상세설명  3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88289CL 데이터시트(HTML) 5 Page - Micrel Semiconductor

  SY88289CL Datasheet HTML 1Page - Micrel Semiconductor SY88289CL Datasheet HTML 2Page - Micrel Semiconductor SY88289CL Datasheet HTML 3Page - Micrel Semiconductor SY88289CL Datasheet HTML 4Page - Micrel Semiconductor SY88289CL Datasheet HTML 5Page - Micrel Semiconductor SY88289CL Datasheet HTML 6Page - Micrel Semiconductor SY88289CL Datasheet HTML 7Page - Micrel Semiconductor SY88289CL Datasheet HTML 8Page - Micrel Semiconductor SY88289CL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY88289CL
February 2007
5
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RL = 50Ω to VCC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output Rise/Fall Time
(20% to 80%)
Note 4
60
120
ps
tJITTER
Deterministic
Random
Note 5
Note 6
15
5
psPP
psRMS
VID
Differential Input Voltage Swing
Figure 1
5
1800
mVPP
VOD
Differential Output Voltage Swing
VID > 12mVPP, Figure 1
700
800
950
mVPP
TOFF
LOS Release Time
2
10
µs
TON
LOS Assert Time
2
10
µs
LOSAL
Low LOS Assert Level
RLOSLVL = 15kΩ, Note 8
3
mVPP
LOSDL
Low LOS De-assert Level
RLOSLVL = 15kΩ, Note 8
4.5
mVPP
HYSL
Low LOS Hysteresis
RLOSLVL = 15kΩ, Note 7
3.5
dB
LOSAM
Medium LOS Assert Level
RLOSLVL = 5kΩ, Note 8
2
5
mVPP
LOSDM
Medium LOS De-assert Level
RLOSLVL = 5kΩ, Note 8
7.5
11
mVPP
HYSM
Medium LOS Hysteresis
RLOSLVL = 5kΩ, Note 7
2
3.5
4.5
dB
LOSAH
High LOS Assert Level
RLOSLVL = 100Ω, Note 8
8
12
mVPP
LOSDH
High LOS De-assert Level
RLOSLVL = 100Ω, Note 8
18
23
mVPP
HYSH
High LOS Hysteresis
RLOSLVL = 100Ω, Note 7
2
3.5
4.5
dB
B-3dB
3dB Bandwidth
2
GHz
AV(Diff)
Differential Voltage Gain
32
38
dB
S21
Single-ended Small-Signal Gain
26
32
dB
Notes:
4. Amplifier in limiting mode. Input is a 200MHz square wave.
5. Deterministic jitter measured using 3.2Gbps K28.5 pattern, VID = 10mVPP.
6. Random jitter measured using 3.2Gbps K28.7 pattern, VID = 10mVPP.
7. This specification defines electrical hysteresis as 20log (LOS De-assert/LOS Assert). The ratio between optical hysteresis and
electrical hysteresis is found to vary between 1.5 and 2, depending upon the level of received optical power and ROSA
characteristics. Based upon that ratio, the optical hysteresis corresponding to the electrical hysteresis range 2dB-4.5dB, as
shown in the AC characteristics table, will be 1dB-3dB.
8. See “Typical Operating Characteristics” for a graph showing how to choose a particular RLOSLVL for a particular LOS assert and
its associated de-assert amplitude.


유사한 부품 번호 - SY88289CL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88289CL MICREL-SY88289CL Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CLMG MICREL-SY88289CLMG Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CLMGTR MICREL-SY88289CLMGTR Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results

유사한 설명 - SY88289CL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
logo
Microchip Technology
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com