전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88289CL 데이터시트(PDF) 1 Page - Micrel Semiconductor

부품명 SY88289CL
상세설명  3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88289CL 데이터시트(HTML) 1 Page - Micrel Semiconductor

  SY88289CL Datasheet HTML 1Page - Micrel Semiconductor SY88289CL Datasheet HTML 2Page - Micrel Semiconductor SY88289CL Datasheet HTML 3Page - Micrel Semiconductor SY88289CL Datasheet HTML 4Page - Micrel Semiconductor SY88289CL Datasheet HTML 5Page - Micrel Semiconductor SY88289CL Datasheet HTML 6Page - Micrel Semiconductor SY88289CL Datasheet HTML 7Page - Micrel Semiconductor SY88289CL Datasheet HTML 8Page - Micrel Semiconductor SY88289CL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SY88289CL
3.3V, 3.2Gbps CML Limiting Post Amplifier
with High-Gain TTL Loss-of-Signal
MLF and MicroLeadFrame are registered trademarks of Amkor Technology.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2007
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY88289CL low-power, high-sensitivity, limiting
post amplifier is designed for use in fiber-optic receivers.
The
device connects
to
typical
transimpedance
amplifiers (TIAs). The linear signal output from TIAs can
contain significant amounts of noise and may vary in
amplitude over time. The SY88289CL quantizes these
signals and outputs CML-level waveforms.
The SY88289CL operates from a single +3.3V power
supply, over temperatures ranging from –40
oC to +85oC.
With its wide bandwidth and high gain, signals with data
rates up to 3.2Gbps and as small as 5mVPP can be
amplified to drive devices with CML inputs or AC-
coupled CML/PECL inputs.
The SY88289CL generates a high-gain loss-of-signal
(LOS) open-collector TTL output. This function has a
high-gain input stage for increased LOS sensitivity. A
programmable loss-of-signal level-set pin (LOSLVL) sets
the sensitivity of the input amplitude detection. LOS
asserts high if the input amplitude falls below the
threshold sets by LOSLVL and de-asserts low otherwise.
The enable bar input (/EN) de-asserts the true output
signal without removing the input signal. The LOS
output can be fed back to the /EN input to maintain
output
stability
under
a
loss-of-signal
condition.
Typically, 3.5dB LOS hysteresis is provided to prevent
chattering.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
• Single 3.3V power supply
• 125Mbps to 3.2Gbps operation
• Low-noise CML data outputs
• High-gain LOS
• Chatter-free open-collector TTL Loss-of-Signal (LOS)
output with an internal 4.75kΩ pull-up resistor
• TTL /EN input
• Programmable LOS level set (LOSLVL)
• Ideal for multi-rate applications
• Available in a tiny (3mm x 3mm) 16-pin MLF®
package
Applications
• APON, BPON, EPON, GEPON and GPON
• Gigabit Ethernet
• 1X and 2X Fibre Channel
• SONET/SDH : OC 3/12/24/48 – STM 1/4/8/16
• High-gain line driver and line receiver
• Low-gain TIA interface
Markets
• FTTP/FTTH
• Optical transceivers
• Datacom/Telecom
• Long reach FOM


유사한 부품 번호 - SY88289CL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88289CL MICREL-SY88289CL Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CLMG MICREL-SY88289CLMG Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CLMGTR MICREL-SY88289CLMGTR Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results

유사한 설명 - SY88289CL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
logo
Microchip Technology
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com