전자부품 데이터시트 검색엔진 |
|
SY88289CL 데이터시트(PDF) 4 Page - Micrel Semiconductor |
|
SY88289CL 데이터시트(HTML) 4 Page - Micrel Semiconductor |
4 / 10 page Micrel, Inc. SY88289CL February 2007 4 M9999-021207-B hbwhelp@micrel.com or (408) 955-1690 Absolute Maximum Ratings (1) Supply Voltage (VCC).................................... 0V to +4.0V Input Voltage (DIN, /DIN) ................................... 0 to VCC Output Current (IOUT) Continuous……………………………………±25mA /EN Voltage ........................................................ 0 to VCC VREF Current……………………………-800uA to +500uA LOSLVL Voltage.............................................. VREF to VCC Lead Temperature (soldering, 20sec.) .................. 260°C Storage Temperature (Ts) .....................-65°C to +150°C Operating Ratings (2) Supply Voltage (VCC)..............................+3.0V to +3.6V Ambient Temperature (TA)....................–40°C to +85°C Junction Temperature (TJ) ..................–40°C to +125°C Junction Thermal Resistance MLF ® (θJA) Still-air ..................................................... 61°C/W MLF ® (ΨJB) Junction-to-board .....................................38 oC/W DC Electrical Characteristics VCC = 3.0V to 3.6V; RL = 50Ω to VCC; TA = –40°C to +85°C. Symbol Parameter Condition Min Typ Max Units ICC Power Supply Current No output load 42 62 mA LOSLVL LOSLVL Voltage VREF VCC V VOH CML Output HIGH Voltage VCC-0.020 VCC-0.005 VCC V VOL CML Output LOW Voltage VCC = 3.3V VCC-0.475 VCC-0.400 VCC-0.350 V VOFFSET Differential Output Offset ±80 mV VREF Reference Voltage VCC-1.28 V VIHCMR Input Common Mode Range GND+2.0 VCC V TTL DC Electrical Characteristics VCC = 3.0V to 3.6V; RL = 50Ω to VCC; TA = –40°C to +85°C. Symbol Parameter Condition Min Typ Max Units VIH /EN Input HIGH Voltage 2.0 VIL /EN Input LOW Voltage 0.8 V IIH /EN Input HIGH Current VIN = 2.7V VIN = VCC 20 100 µA µA IIL /EN Input LOW Current VIN = 0.5V -300 uA Vout ≥ 3.3V, IOH (MAX) < 160 uA 2.4 V VOH LOS Output High Level Vout < 3.3V, IOH (MAX) < 160 uA 2.0 V VOL LOS Output LOW Level Sinking 2mA 0.5 V Notes: 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential (GND) on the PCB. ΨJB uses 4-layer (θJA) in still-air-number, unless otherwise stated. |
유사한 부품 번호 - SY88289CL |
|
유사한 설명 - SY88289CL |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |