전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88313BL 데이터시트(PDF) 5 Page - Micrel Semiconductor

부품명 SY88313BL
상세설명  3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88313BL 데이터시트(HTML) 5 Page - Micrel Semiconductor

  SY88313BL Datasheet HTML 1Page - Micrel Semiconductor SY88313BL Datasheet HTML 2Page - Micrel Semiconductor SY88313BL Datasheet HTML 3Page - Micrel Semiconductor SY88313BL Datasheet HTML 4Page - Micrel Semiconductor SY88313BL Datasheet HTML 5Page - Micrel Semiconductor SY88313BL Datasheet HTML 6Page - Micrel Semiconductor SY88313BL Datasheet HTML 7Page - Micrel Semiconductor SY88313BL Datasheet HTML 8Page - Micrel Semiconductor SY88313BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY88313BL
February 2007
5
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50Ω to VCC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output Rise/Fall Time (20% to 80%)
Note 4
60
120
ps
tJITTER
Deterministic
Random
Note 5
Note 6
15
5
psPP
psRMS
VID
Differential Input Voltage Swing
Figure 1
10
1800
mVPP
VOD
Differential Output Voltage Swing
VID > 18mVPP Figure 1
700
800
950
mVPP
TOFF
LOS Release Time
2
10
µs
TON
LOS Assert Time
2
10
µs
LOSAL
Low LOS Assert Level
RLOSLVL = 15kΩ, Note 8
7.8
mVPP
LOSDL
Low LOS De-assert Level
RLOSLVL = 15kΩ, Note 8
12
mVPP
HYSL
Low LOS Hysteresis
RLOSLVL = 15kΩ, Note 7
3.7
dB
LOSAM
Medium LOS Assert Level
RLOSLVL = 5kΩ, Note 8
10
17
mVPP
LOSDM
Medium LOS De-assert Level
RLOSLVL = 5kΩ, Note 8
25
40
mVPP
HYSM
Medium LOS Hysteresis
RLOSLVL = 5kΩ, Note 7
2
3.3
4.5
dB
LOSAH
High LOS Assert Level
RLOSLVL = 100Ω, Note 8
30
45
mVPP
LOSDH
High LOS De-assert Level
RLOSLVL = 100Ω, Note 8
69
95
mVPP
HYSH
High LOS Hysteresis
RLOSLVL = 100Ω, Note 7
2
3.7
4.5
dB
B-3dB
3dB Bandwidth
2
GHz
AV(Diff)
Differential Voltage Gain
32
38
dB
S21
Single-ended Small-Signal Gain
26
32
dB
Notes:
4. Amplifier in limiting mode. Input is a 200MHz square wave.
5. Deterministic jitter measured using 3.2Gbps K28.5 pattern, VID = 10mVPP.
6. Random jitter measured using 3.2Gbps K28.7 pattern, VID = 10mVPP.
7. This specification defines electrical hysteresis as 20log (LOS De-assert/LOS Assert). The ratio between optical hysteresis and electrical
hysteresis is found to vary between 1.5 and 2 depending upon the level of received optical power and ROSA characteristics. Based on that ratio,
the optical hysteresis corresponding to the electrical hysteresis range 2dB-4.5dB, shown in the AC characteristics table, will be 1dB-3dB Optical
Hysteresis.
8. See “Typical Operating Characteristics” for a graph showing how to choose a particular RLOSLVL for a particular LOS assert and its associated de-
assert amplitude.


유사한 부품 번호 - SY88313BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLEY MICREL-SY88313BLEY Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLEYTR MICREL-SY88313BLEYTR Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLMG MICREL-SY88313BLMG Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLMGTR MICREL-SY88313BLMGTR Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results

유사한 설명 - SY88313BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88315BL MICREL-SY88315BL Datasheet
397Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com