전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88313BL 데이터시트(PDF) 1 Page - Micrel Semiconductor

부품명 SY88313BL
상세설명  3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88313BL 데이터시트(HTML) 1 Page - Micrel Semiconductor

  SY88313BL Datasheet HTML 1Page - Micrel Semiconductor SY88313BL Datasheet HTML 2Page - Micrel Semiconductor SY88313BL Datasheet HTML 3Page - Micrel Semiconductor SY88313BL Datasheet HTML 4Page - Micrel Semiconductor SY88313BL Datasheet HTML 5Page - Micrel Semiconductor SY88313BL Datasheet HTML 6Page - Micrel Semiconductor SY88313BL Datasheet HTML 7Page - Micrel Semiconductor SY88313BL Datasheet HTML 8Page - Micrel Semiconductor SY88313BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SY88313BL
3.3V, 3.2Gbps CML Low-Power Limiting Post
Amplifier with TTL Loss-of-Signal
MLF and MicroLeadFrame are registered trademarks of Amkor Technology
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2007
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY88313BL low-power limiting post amplifier is
designed for use in fiber-optic receivers. The device
connects to typical transimpedance amplifiers (TIAs).
The linear signal output from TIAs can contain
significant amounts of noise and may vary in amplitude
over time. The SY88313BL quantizes these signals and
outputs CML-level waveforms.
The SY88313BL operates from a single +3.3V ±10%
supply, over temperatures ranging from –40°C to +85°C.
With its wide bandwidth and high gain, signals with data
rates up to 3.2Gbps, and as small as 10mVPP, can be
amplified to drive devices with CML inputs or AC-
coupled CML/PECL inputs.
The SY88313BL generates a loss-of-signal (LOS) open-
collector TTL output. A programmable loss-of-signal
level set pin (LOSLVL) sets the sensitivity of the input
amplitude detection. LOS asserts high if the input
amplitude falls below the threshold set by LOSLVL and
de-asserts low otherwise. The enable bar input (/EN)
de-asserts the true output signal without removing the
input signal. The LOS output can be fed back to the /EN
input to maintain output stability under a loss-of-signal
condition. Typically, 3.4dB LOS hysteresis is provided to
prevent chattering.
Datasheet and support documentation cab be found on
Micrel’s web site at: www.micrel.com.
Features
Single 3.3V power supply
DC to 3.2Gbps operation
Low-noise CML data outputs
Chatter-free Open-Collector TTL loss-of-signal
(LOS) output with internal 4.75kΩ pull-up
resistor
TTL /EN input
Internal 50Ω input termination
Programmable LOS level set (LOSLVL)
Ideal for multi-rate applications
Available in a tiny 10-pin EPAD MSOP and
16-pin MLF
® package
Applications
APON/BPON, GEPON, EPON, and GPON
Gigabit Ethernet
Fibre Channel
OC-3/12/24/48 SONET/SDH
High-gain line driver and line receiver
Low-gain TIA interface
Markets
FTTP/FTTH
Datacom/Telecom
Optical Transceivers
_______________________________________________________________________________________________________
Typical Application


유사한 부품 번호 - SY88313BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLEY MICREL-SY88313BLEY Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLEYTR MICREL-SY88313BLEYTR Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLMG MICREL-SY88313BLMG Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLMGTR MICREL-SY88313BLMGTR Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results

유사한 설명 - SY88313BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88315BL MICREL-SY88315BL Datasheet
397Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com