전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88313BL 데이터시트(PDF) 4 Page - Micrel Semiconductor

부품명 SY88313BL
상세설명  3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88313BL 데이터시트(HTML) 4 Page - Micrel Semiconductor

  SY88313BL Datasheet HTML 1Page - Micrel Semiconductor SY88313BL Datasheet HTML 2Page - Micrel Semiconductor SY88313BL Datasheet HTML 3Page - Micrel Semiconductor SY88313BL Datasheet HTML 4Page - Micrel Semiconductor SY88313BL Datasheet HTML 5Page - Micrel Semiconductor SY88313BL Datasheet HTML 6Page - Micrel Semiconductor SY88313BL Datasheet HTML 7Page - Micrel Semiconductor SY88313BL Datasheet HTML 8Page - Micrel Semiconductor SY88313BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
SY88313BL
February 2007
4
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)..................................... +0V to +4.0V
Input Voltage (DIN, /DIN) .......................................0 to VCC
Output Current (IOUT) .............................................. ± 25mA
/EN Voltage ............................................................0 to VCC
VREF Current............................................................ ±1mA
LOSLVL Voltage............................................... VREF to VCC
Lead Temperature (soldering, 20sec.) ................... +260°C
Storage Temperature (Ts) ........................-65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC) ........................... +3.0V to +3.6V
Ambient Temperature (TA).................. –40°C to +85°C
Junction Temperature (TJ)................ –40°C to +120°C
Junction Thermal Resistance
(3)
MLF
®
(
θJA) Still-air .................................................. 61°C/W
(
ψJB).............................................................. 38°C/W
EPAD-MSOP
(
θ JA) Still-air.................................................. 38°C/W
(
ψJB).............................................................. 22°C/W
DC Electrical Characteristics
VCC = 3.0V to 3.6V; RL = 50Ω to VCC; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
No output load.
47
65
mA
LOSLVL
LOSLVL Voltage
VREF
VCC
V
VOH
CML Output HIGH Voltage
VCC-0.020
VCC-0.005
VCC
V
VOL
CML Output LOW Voltage
VCC = 3.3V
VCC-0.475
VCC-0.400
VCC-0.350
V
VOFFSET
Differential Output Offset
±80
mV
ZO
Single-Ended Output Impedance
40
50
60
ZI
Single-Ended Input Impedance
40
50
60
VREF
Reference Voltage
VCC-1.28
V
TTL DC Electrical Characteristics
VCC = 3.0V to 3.6V; RL = 50Ω to VCC; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
/EN Input HIGH Voltage
2.0
V
VIL
/EN Input LOW Voltage
0.8
V
IIH
/EN Input HIGH Current
VIN = 2.7V
VIN = VCC
20
100
µA
µA
IIL
/EN Input LOW Current
VIN = 0.5V
-0.3
mA
VOH
LOS Output HIGH Level
VCC ≥ 3.3V, IOH (max) <160µA
VCC < 3.3V, IOH (max) <160µA
2.4
2.0
V
V
VOL
LOS Output LOW Level
IOL = +2mA
0.5
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential (GND) on the PCB.
ψJB
uses 4-layer (
θJA) in still-air number, unless otherwise stated.


유사한 부품 번호 - SY88313BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLEY MICREL-SY88313BLEY Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLEYTR MICREL-SY88313BLEYTR Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLMG MICREL-SY88313BLMG Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BLMGTR MICREL-SY88313BLMGTR Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results

유사한 설명 - SY88313BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88315BL MICREL-SY88315BL Datasheet
397Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com