전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88343BL 데이터시트(PDF) 3 Page - Micrel Semiconductor

부품명 SY88343BL
상세설명  3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88343BL 데이터시트(HTML) 3 Page - Micrel Semiconductor

  SY88343BL Datasheet HTML 1Page - Micrel Semiconductor SY88343BL Datasheet HTML 2Page - Micrel Semiconductor SY88343BL Datasheet HTML 3Page - Micrel Semiconductor SY88343BL Datasheet HTML 4Page - Micrel Semiconductor SY88343BL Datasheet HTML 5Page - Micrel Semiconductor SY88343BL Datasheet HTML 6Page - Micrel Semiconductor SY88343BL Datasheet HTML 7Page - Micrel Semiconductor SY88343BL Datasheet HTML 8Page - Micrel Semiconductor SY88343BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
SY88343BL
February 2007
3
M9999-021707-B
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
MSOP
Pin Number
MLF
®
Pin Name
Type
Pin Function
1
15
/EN
TTL Input: Default
is HIGH.
/Enable: This input enables the outputs when it is LOW.
Note that this input is internally connected to a 25kΩ pull-
up resistor and will default to logic HIGH state if left
open.
2
1
DIN
Data Input
True data input.
3
4
/DIN
Data Input
Complementary data input.
4
6
VREF
Reference Voltage: Bypass with 0.01µF low ESR
capacitor from VREF to VCC to stabilize LOSLVL and VREF.
5
14
LOSLVL
Input
Loss-of-Signal Level Set: a resistor from this pin to VCC
sets the threshold for the data input amplitude at which
LOS will be asserted.
6
2, 3,
10, 11
GND,
Exposed
Pad
Ground
Device ground. GND and Exposed pad are to be tied to
the same ground plane.
7
7
LOS
Open-collector
TTL output
w/internal 4.75kΩ
pull-down resistor
Loss-of-Signal: asserts high when the data input
amplitude falls below the threshold set by LOSLVL.
8
9
/DOUT
CML Output
Complementary data output.
9
12
DOUT
CML Output
True data output.
10
5, 8,
13, 16
VCC
Power Supply
Positive power supply.


유사한 부품 번호 - SY88343BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88343BL MICREL-SY88343BL Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
logo
Microchip Technology
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88343BLEY MICREL-SY88343BLEY Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BLEYTR MICREL-SY88343BLEYTR Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BLMG MICREL-SY88343BLMG Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results

유사한 설명 - SY88343BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
logo
Microchip Technology
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com