전자부품 데이터시트 검색엔진 |
|
SY88343DL 데이터시트(PDF) 1 Page - Micrel Semiconductor |
|
SY88343DL 데이터시트(HTML) 1 Page - Micrel Semiconductor |
1 / 10 page SY88343DL 3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal MLF and MicroLeadFrame are registered trademarks of Amkor Technology. Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com February 2007 M9999-021207-B hbwhelp@micrel.com or (408) 955-1690 General Description The SY88343DL low-power, high-sensitivity, limiting, post amplifier is designed for use in fiber-optic receivers. The device connects to typical transimpedance amplifiers (TIAs). The linear signal output from TIAs can contain significant amounts of noise and may vary in amplitude over time. The SY88343DL quantizes these signals and outputs CML level waveforms. The SY88343DL operates from a single +3.3V power supply, over temperatures ranging from –40 oC to +85oC. With its wide bandwidth, high gain, and signals with data rates up to 3.2Gbps and as small as 5mVPP can be amplified to drive devices with CML inputs or AC- coupled CML/PECL inputs. The SY88343DL generates a high-gain loss-of-signal (LOS) open-collector TTL output. This function has a high-gain input stage for increased LOS sensitivity. A programmable loss-of-signal level set pin (LOSLVL) sets the sensitivity of the input amplitude detection. LOS asserts high if the input amplitude falls below the threshold set by LOSLVL and de-asserts low otherwise. The enable bar input (/EN) de-asserts the true output signal without removing the input signal. The LOS output can be fed back to the /EN input to maintain output stability under a loss-of-signal condition. Typically, 3.5dB LOS hysteresis is provided to prevent chattering. All support documentation can be found on Micrel’s web site at: www.micrel.com. Features • Single 3.3V power supply • 155Mbps to 3.2Gbps operation • Low-noise CML data outputs • High-gain LOS • Chatter-free open-collector TTL Loss-of-Signal (LOS) output with internal 4.75kΩ pull-up resistor • TTL /EN input • Programmable LOS level set (LOSLVL) • Ideal for mutil-rate applications • Available in a tiny (3mm x 3mm) 16-pin MLF® package Applications • APON, BPON, EPON, GEPON, and GPON • Gigabit Ethernet • 1X and 2X Fibre Channel • SONET/SDH : OC 3/12/24/48 – STM 1/4/8/16 • High-gain line driver and line receiver Markets • FTTP • Optical transceivers • Datacom/Telecom • Low-gain TIA interface • Long reach FOM |
유사한 부품 번호 - SY88343DL_07 |
|
유사한 설명 - SY88343DL_07 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |