전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88347DL 데이터시트(PDF) 1 Page - Micrel Semiconductor

부품명 SY88347DL
상세설명  3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88347DL 데이터시트(HTML) 1 Page - Micrel Semiconductor

  SY88347DL Datasheet HTML 1Page - Micrel Semiconductor SY88347DL Datasheet HTML 2Page - Micrel Semiconductor SY88347DL Datasheet HTML 3Page - Micrel Semiconductor SY88347DL Datasheet HTML 4Page - Micrel Semiconductor SY88347DL Datasheet HTML 5Page - Micrel Semiconductor SY88347DL Datasheet HTML 6Page - Micrel Semiconductor SY88347DL Datasheet HTML 7Page - Micrel Semiconductor SY88347DL Datasheet HTML 8Page - Micrel Semiconductor SY88347DL Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SY88347DL
3.3V, 3.2Gbps PECL Limiting Post Amplifier
with High-Gain TTL Loss-of-Signal
MLF and MicroLeadFrame are registered trademarks of Amkor Technology.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2007
M9999-021707-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY88347DL low-power limiting post amplifier is
designed for use in fiber-optic receivers. The device
connects to typical transimpedance amplifiers (TIAs).
The linear signal output, from TIAs, can contain
significant amounts of noise and may vary in amplitude
over time. The SY88347DL quantizes these signals and
outputs PECL-level waveforms.
The SY88347DL operates from a single +3.3V power
supply, over temperatures ranging from –40
oC to +85oC.
With its wide bandwidth and high gain, signals with data
rates up to 3.2Gbps, and as small as 5mVPP, can be
amplified to drive devices with PECL inputs.
The SY88347DL generates a high-gain loss-of-signal
(LOS) open-collector TTL output. The LOS function has
a high-gain input stage for increased sensitivity. A
programmable loss-of-signal level set pin (LOSLVL) sets
the sensitivity of the input amplitude detection. LOS
asserts high if the input amplitude falls below the
threshold sets by LOSLVL and de-asserts low otherwise.
The enable bar input (/EN) de-asserts the true output
signal without removing the input signal. The LOS
output can be fed back to the /EN input to maintain
output
stability
under
a
loss-of-signal
condition.
Typically, 3.3dB LOS hysteresis is provided to prevent
chattering.
Datasheet and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Single 3.3V power supply
• 155Mbps to 3.2Gbps operation
• Low-noise PECL data outputs
• High-gain LOS output
• Chatter-free Open-Collector TTL Loss-of-Signal
(LOS) output
• TTL /EN input
• Programmable LOS level set (LOSLVL)
• Ideal for multi-rate applications
Available in a tiny 10-pin EPAD-MSOP
Applications
• APON, BPON, EPON, GEPON, and GPON
• Gigabit Ethernet
• 1X and 2X Fibre Channel
• SONET/SDH:OC-3/12/24/48 – STM 1/4/8/16
• High-gain line driver and line receiver
Markets
• FTTP
• Optical transceivers
• Datacom/Telecom
• Low-gain TIA interface
• Long reach FOM


유사한 부품 번호 - SY88347DL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
logo
Microchip Technology
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88343BLEY MICREL-SY88343BLEY Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343BLEY MICREL-SY88343BLEY Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results

유사한 설명 - SY88347DL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88147DL MICREL-SY88147DL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
SY88307BL MICREL-SY88307BL Datasheet
376Kb / 11P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com