전자부품 데이터시트 검색엔진 |
|
SY88347DL 데이터시트(PDF) 4 Page - Micrel Semiconductor |
|
SY88347DL 데이터시트(HTML) 4 Page - Micrel Semiconductor |
4 / 9 page Micrel, Inc. SY88347DL February 2007 4 M9999-021707-B hbwhelp@micrel.com or (408) 955-1690 Absolute Maximum Ratings (1) Supply Voltage (VCC) .................................. 0V to +4.0V Input Voltage (DIN, /DIN) ................................... 0 to VCC Output Current (IOUT) Continuous.....................................................+50mA Surge ...........................................................+100mA /EN Voltage ........................................................ 0 to VCC VREF Current .......................................-800µA to +500µA LOSLVL Voltage.............................................. VREF to VCC Lead Temperature (soldering, 20sec.) .................. 260°C Storage Temperature (Ts) .....................-65°C to +150°C Operating Ratings (2) Supply Voltage (VCC)............................+3.0V to +3.6V Ambient Temperature (TA) ..................–40°C to +85°C Junction Temperature (TJ) ................–40°C to +125°C Junction Thermal Resistance (3) EPAD-MSOP θJA (Still-Air) ..............................................38 oC/W ψJB.............................................................22 oC/W DC Electrical Characteristics VCC = 3.0V to 3.6V; RL = 50Ω to VCC-2V; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = 25 oC. Symbol Parameter Condition Min Typ Max Units ICC Power Supply Current No output load 40 60 mA VLOSLVL LOSLVL Voltage VREF VCC V VOH PECL Output HIGH Voltage VCC-1.085 VCC-0.955 VCC-0.880 V VOL PECL Output LOW Voltage VCC-1.880 VCC-1.705 VCC-1.555 V VOFFSET Differential Output Offset +120 mV VREF Reference Voltage VCC-1.48 VCC-1.32 VCC-1.16 V VIHCMR Input Common Mode Range GND+2.0 VCC V TTL DC Electrical Characteristics VCC = 3.0V to 3.6V; TA = –40°C to +85°C. Symbol Parameter Condition Min Typ Max Units VIH /EN Input HIGH Voltage 2.0 V VIL /EN Input LOW Voltage 0.8 V IIH /EN Input HIGH Current VIN = 2.7V VIN = VCC 20 100 µA µA IIL /EN Input LOW Current VIN = 0.5V -300 µA IOH LOS Output Leakage VOH = 3.6V 100 uA VOL LOS Output LOW Level IOL = +2mA 0.5 V Notes: 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. Thermal performance assumes the use of a 4-layer PCB. Exposed pad must be soldered (or equivalent) to the device’s most negative potential on the PCB. |
유사한 부품 번호 - SY88347DL |
|
유사한 설명 - SY88347DL |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |