전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88403BL 데이터시트(PDF) 3 Page - Micrel Semiconductor

부품명 SY88403BL
상세설명  3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88403BL 데이터시트(HTML) 3 Page - Micrel Semiconductor

  SY88403BL Datasheet HTML 1Page - Micrel Semiconductor SY88403BL Datasheet HTML 2Page - Micrel Semiconductor SY88403BL Datasheet HTML 3Page - Micrel Semiconductor SY88403BL Datasheet HTML 4Page - Micrel Semiconductor SY88403BL Datasheet HTML 5Page - Micrel Semiconductor SY88403BL Datasheet HTML 6Page - Micrel Semiconductor SY88403BL Datasheet HTML 7Page - Micrel Semiconductor SY88403BL Datasheet HTML 8Page - Micrel Semiconductor SY88403BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
SY88403BL
February 2007
3
M9999-021707-D
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Package
Type
Operating
Range
Package
Marking
Lead
Finish
SY88403BLEY
K10-2
Industrial
403B with
Pb-Free bar-line indicator
Matte-Sn
SY88403BLEYTR
(2)
K10-2
Industrial
403B with
Pb-Free bar-line indicator
Matte-Sn
SY88403BLMG
MLF-16
Industrial
403B with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
SY88403BLMGTR
(2)
MLF-16
Industrial
403B with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2. Tape and Reel.
Pin Configuration
10-Pin EPAD-MSOP (K10-2)
16-Pin MLF
® (MLF-16)


유사한 부품 번호 - SY88403BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88403BL MICREL-SY88403BL Datasheet
501Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
   3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
logo
Micrel Semiconductor
SY88403BLEY MICREL-SY88403BLEY Datasheet
501Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting
SY88403BLEYTR MICREL-SY88403BLEYTR Datasheet
501Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting
SY88403BLMG MICREL-SY88403BLMG Datasheet
501Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting
More results

유사한 설명 - SY88403BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
   3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
logo
Micrel Semiconductor
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88773VMG MICREL-SY88773VMG Datasheet
120Kb / 11P
   LOW-POWER LIMITING POST AMPLIFIER WITH TTL LOS
SY88403BL MICREL-SY88403BL_10 Datasheet
501Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting
SY88883V MICREL-SY88883V Datasheet
77Kb / 8P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803V MICREL-SY88803V_03 Datasheet
68Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com