전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88973BL 데이터시트(PDF) 5 Page - Micrel Semiconductor

부품명 SY88973BL
상세설명  3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88973BL 데이터시트(HTML) 5 Page - Micrel Semiconductor

  SY88973BL Datasheet HTML 1Page - Micrel Semiconductor SY88973BL Datasheet HTML 2Page - Micrel Semiconductor SY88973BL Datasheet HTML 3Page - Micrel Semiconductor SY88973BL Datasheet HTML 4Page - Micrel Semiconductor SY88973BL Datasheet HTML 5Page - Micrel Semiconductor SY88973BL Datasheet HTML 6Page - Micrel Semiconductor SY88973BL Datasheet HTML 7Page - Micrel Semiconductor SY88973BL Datasheet HTML 8Page - Micrel Semiconductor SY88973BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SY88973BL
February 2007
5
M9999-020207-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)........................................... 0V to 4.0V
/EN, LOSLVL Voltage ........................................... 0V to VCC
REF Current ................................................................±1mA
LOS Current ................................................................±5mA
DOUT, /DOUT Current..............................................±25mA
DIN, /DIN Current......................................................±10mA
Lead Temperature (soldering, 20sec.)....................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC)................................. +3.0V to +3.6V
Ambient Temperature (TA).......................–40°C to +85°C
Junction Temperature (TJ) .....................–40°C to +120°C
Package Thermal Resistance
MLF
®
θJA (Still-Air) .................................................61°C/W
ψJB ..............................................................38°C/W
DC Electrical Characteristics
VCC = 3.0V to 3.6V; TA = –40°C to +85°C, typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
Note 4
Note 5
28
45
42
62
mA
mA
VREF
REF Voltage
VCC–1.3
V
VLOSLVL
LOSLVL Voltage Range
VREF
VCC
V
VOH
Output HIGH Voltage
Note 6
VCC–0.020
VCC–0.005
VCC
V
VOL
Output LOW Voltage
Note 6
VCC–0.475
VCC–0.400
VCC–0.350
V
VOFFSET
Differential Output Offset
Note 6
±80
mV
ZO
Single-Ended Output Impedance
40
50
60
ZI
Single-Ended Input Impedance
40
50
60
TTL DC Electrical Characteristics
VCC = 3.0V to 3.6V; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
IOH
LOS Output Leakage
VOH = 3.6V
100
uA
VOL
LOS Output LOW Level
Sinking 2mA
0.5
V
VIH
/EN Input HIGH Voltage
2.0
V
VIL
/EN Input LOW Voltage
0.8
V
IIH
/EN Input HIGH Current
VIN = 2.7V
VIN = VCC
20
100
µA
µA
IIL
/EN Input LOW Current
VIN = 0.5V
–300
uA
Notes:
1. Permanent device damage may occur if Absolute Maximum Ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Thermal performance assumes the use of 4-layer PCB. Exposed pad must be soldered (or equivalent) to the device's most negative potential on the
PCB.
4. Excludes current of CML output stage. See “Detailed Description.”
5. Total device current with no output load.
6. Output levels are based on a 50Ω to VCC load impedance. If the load impedance is different, the output level will be changed. Amplifier is in limiting
mode.


유사한 부품 번호 - SY88973BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88973BL MICREL-SY88973BL Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88973BLMGTR MICREL-SY88973BLMGTR Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
More results

유사한 설명 - SY88973BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
   3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
logo
Micrel Semiconductor
SY88883V MICREL-SY88883V Datasheet
77Kb / 8P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com