전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88973BL 데이터시트(PDF) 1 Page - Micrel Semiconductor

부품명 SY88973BL
상세설명  3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88973BL 데이터시트(HTML) 1 Page - Micrel Semiconductor

  SY88973BL Datasheet HTML 1Page - Micrel Semiconductor SY88973BL Datasheet HTML 2Page - Micrel Semiconductor SY88973BL Datasheet HTML 3Page - Micrel Semiconductor SY88973BL Datasheet HTML 4Page - Micrel Semiconductor SY88973BL Datasheet HTML 5Page - Micrel Semiconductor SY88973BL Datasheet HTML 6Page - Micrel Semiconductor SY88973BL Datasheet HTML 7Page - Micrel Semiconductor SY88973BL Datasheet HTML 8Page - Micrel Semiconductor SY88973BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
3.3V 3.2Gbps CML Low Power
Limiting Post Amplifier with TTL LOS
SY88973BL
MLF and MicroLeadFrame are registered trademark of Amkor Technology
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2007
M9999-020207-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY88973BL low-power, limiting post amplifier is
designed for use in fiber optic receivers. The device connects
to typical transimpedance amplifiers (TIAs). The linear signal
output from TIAs can contain significant amounts of noise
and may vary in amplitude over time. The SY88973BL
quantizes these signals and outputs typically 800mVPP
voltage-limited waveforms.
The SY88973BL operates from a single +3.3V ±10% power
supply, over an industrial temperature range of –40°C to
+85°C. With its wide bandwidth and high gain, signals with
data rates up to 3.2Gbps and as small as 10mVPP can be
amplified to drive devices with CML inputs or AC-coupled
PECL inputs.
The SY88973BL incorporates a loss-of-signal (LOS), open-
collector TTL output with external 4.75kΩ to 10kΩ pull-up
resistor to fully comply with SFP MSA. A programmable, loss-
of-signal level-set pin (LOSLVL) sets the sensitivity of the
input amplitude detection. LOS asserts high if the input
amplitude falls below the threshold sets by LOSLVL and de-
asserts low otherwise. LOS can be fed back to the enable
(/EN) input to maintain output stability under a loss-of-signal
condition. /EN de-asserts the true output signal without
removing the input signal. Typically, 4.6dB LOS hysteresis is
provided to prevent chattering.
Please see Micrel’s website at www.micrel.com for a
complete selection of optical module ICs.
All support documentation can be found on Micrel’s web site
at: www.micrel.com.
Typical Performance
Features
• Multi-rate up to 3.2Gbps operation
• Wide gain-bandwidth product
• 38dB differential gain
• 2GHz 3dB bandwidth
• Low noise 50Ω CML data outputs
– 800mVPP output swing
– 60ps edge rates
– 5psRMS typ. random jitter
– 15psPP typ. deterministic jitter
• Chatter-free, Loss-of-Signal (LOS) output
– No internal pull-up resistor− fully compliant with
SFP MSA
– 4.6dB electrical hysteresis
– OC-TTL output
• Programmable LOS sensitivity using single external
resistor
• Internal 50Ω data input termination
• TTL /EN input allows feedback from LOS
• Wide operating range:
– Single 3.3V ±10%
–40°C to +85°C industrial temperature range
• Available in a tiny 3mm x 3mm 16-pin MLF® package
Applications
• 1.25Gbps and 2.5Gbps Gigabit Ethernet
• 1.062Mbps and 2.125Gbps Fibre Channel
• 155Mbps, 622Gbps, 1.25Gbps, and 2.5Gbps
SONET/SDH
• Gigabit interface converter (GBIC)
• Small form factor (SFF) and small form factor pluggable
(SFP) transceivers
• Parallel 10G Ethernet
• High-gain line driver and line receiver
Markets
• Telecom/datacom
• Optical transceiver


유사한 부품 번호 - SY88973BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88973BL MICREL-SY88973BL Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88973BLMGTR MICREL-SY88973BLMGTR Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
More results

유사한 설명 - SY88973BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
   3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
logo
Micrel Semiconductor
SY88883V MICREL-SY88883V Datasheet
77Kb / 8P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com