전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88973BL 데이터시트(PDF) 3 Page - Micrel Semiconductor

부품명 SY88973BL
상세설명  3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88973BL 데이터시트(HTML) 3 Page - Micrel Semiconductor

  SY88973BL Datasheet HTML 1Page - Micrel Semiconductor SY88973BL Datasheet HTML 2Page - Micrel Semiconductor SY88973BL Datasheet HTML 3Page - Micrel Semiconductor SY88973BL Datasheet HTML 4Page - Micrel Semiconductor SY88973BL Datasheet HTML 5Page - Micrel Semiconductor SY88973BL Datasheet HTML 6Page - Micrel Semiconductor SY88973BL Datasheet HTML 7Page - Micrel Semiconductor SY88973BL Datasheet HTML 8Page - Micrel Semiconductor SY88973BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
SY88973BL
February 2007
3
M9999-020207-A
hbwhelp@micrel.com or (408) 955-1690
Pin Configuration
16-pin MLF
® (MLF -16)
Pin Description
Pin Number
(MLF
®)
Pin Name
Type
Pin Function
15
/EN
TTL Input: Default
is high.
Enable: De-asserts true data output when high. Incorporates 25kΩ pull-up to
VCC.
1, 4
DIN, /DIN
Differential Data
Input
Differential data input. Each pin internally terminates to REF through 50Ω.
6
REF
Reference Voltage: Bypass with 0.01µF low ESR capacitor from REF to VCC
to stabilize LOSLVL and REF.
14
LOSLVL
Input: Default is
maximum
sensitivity
Loss-of-Signal Level Set: A resistor from this pin to VCC sets the threshold for
the data input amplitude at which the LOS output will be asserted.
2, 3, 10, 11
Exposed Pad
GND
Ground
Device ground. Exposed pad must be soldered (or equivalent) to the same
potential as the ground pins.
7
LOS
Open Collector TTL
Output
Loss-of-Signal: asserts high when the data input amplitude falls below the
threshold set by LOSLVL. For proper operation, connect an external 4.75kΩ
to 10kΩ pull-up resistor between this pin and Vcc.
9, 12
DOUT,
/DOUT
Differential CML
Output
Differential data output.
5, 8, 13, 16
VCC
Power Supply
Positive power supply. Bypass with 0.1µF|| 0.01µF low ESR capacitors.
0.01µF capacitors should be as close as possible to VCC pins.


유사한 부품 번호 - SY88973BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88973BL MICREL-SY88973BL Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88973BLMGTR MICREL-SY88973BLMGTR Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
More results

유사한 설명 - SY88973BL

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
   3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
logo
Micrel Semiconductor
SY88883V MICREL-SY88883V Datasheet
77Kb / 8P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com