전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-8025JF 데이터시트(PDF) 6 Page - Allegro MicroSystems

부품명 SI-8025JF
상세설명  Step-Down to 2.5 V, 1.5 A, DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-8025JF 데이터시트(HTML) 6 Page - Allegro MicroSystems

  SI-8025JF Datasheet HTML 1Page - Allegro MicroSystems SI-8025JF Datasheet HTML 2Page - Allegro MicroSystems SI-8025JF Datasheet HTML 3Page - Allegro MicroSystems SI-8025JF Datasheet HTML 4Page - Allegro MicroSystems SI-8025JF Datasheet HTML 5Page - Allegro MicroSystems SI-8025JF Datasheet HTML 6Page - Allegro MicroSystems SI-8025JF Datasheet HTML 7Page - Allegro MicroSystems SI-8025JF Datasheet HTML 8Page - Allegro MicroSystems SI-8025JF Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SI-8025JF
Step-Down
to 2.5 V, 1.5 A,
DC/DC Converter
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Switching
Regulators
6
Layout Guideline
APPLICATIONS INFORMATION (cont.)
Thermal Protection. Circuitry turns off the switching
transistor when the junction temperature rises above 150°C.
It is intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits or continuous overloads are permitted.
Heat Radiation and Reliability. The reliability of the
IC is directly related to the junction temperature (T
J) in its
operation. Accordingly, careful consideration should be
given to heat dissipation. The graph on page 2 illustrates
the effect of thermal resistance on the allowable package
power dissipation.
When mounting to a heat sink, apply silicone grease (Shin-
Etsu Chemical G746, Dow Corning Toray Silicone SC102,
or Toshiba Silicone SY6260). Recommended mounting
hardware torque: 0.588 ~ 0.686 Nm or 6.0 ~ 7.0 kgf•cm
(4.34 ~ 5.06 lbf•ft).
The junction temperature (T
J) can be determined from
either of the following equations:
T
J = (PDR
θJA) + TA
or
T
J = (PDR
θJC) + TC
where P
D = VIII – VOIO – VFIO(1 – [VO/VI])
or the adjacent graph,
V
F = the Schottky diode forward voltage, and
RθJC = 6°C/W.


유사한 부품 번호 - SI-8025JF

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
More results

유사한 설명 - SI-8025JF

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8090JD ALLEGRO-SI-8090JD Datasheet
600Kb / 10P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com