전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R-78A15-0.5SMD 데이터시트(PDF) 5 Page - Recom International Power

부품명 R-78A15-0.5SMD
상세설명  0.5 AMP SMD Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78A15-0.5SMD 데이터시트(HTML) 5 Page - Recom International Power

  R-78A15-0.5SMD Datasheet HTML 1Page - Recom International Power R-78A15-0.5SMD Datasheet HTML 2Page - Recom International Power R-78A15-0.5SMD Datasheet HTML 3Page - Recom International Power R-78A15-0.5SMD Datasheet HTML 4Page - Recom International Power R-78A15-0.5SMD Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
11.80
Bottom View
0.55
Top View
15.24
7.05
14.84
2.54x4
9.00
1.65
10
7
2
4 5
10.00
9.00
9.30
8.60
RECOM
R-78Axx-0.5SMD
xxxx
1
2.54
13.00
1.80
10
7
24
15
1.20
1.20
3
6
8
9
3
6
8
9
Package Style and Pinning (mm)
3rd angle
projection
SMD 10Pin Package
Pin Connections
Pin #
1,2
+Vin
3,7,8,9
GND
4,5
+Vout
6
V adj
10
Remote On/Off
xx.x ±0.5mm
xx.xx ±0.25mm
Table 1: Adjustment Resistor Values
INNOLINE
DC/DC-Converter
0.5Adc
R-78A1.8
R-78A2.5
R-78A3.3
R-78A5.0
R-78A6.5
R-78A9.0
R-78A12
-0.5SMD
-0.5SMD
-0.5SMD
-0.5SMD
-0.5SMD
-0.5SMD
-0.5SMD
Vout (nom.)
1.8Vdc
2.5Vdc
3.3Vdc
5.0Vdc
6.5Vdc
9.0Vdc
12.0Vdc
Vout (adj)
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
1.5 (V)
3K
200
1.8 (V)
12K
2.5 (V)
12K
21K
5.6K
3.0 (V)
4.7K
50K
Ω 88.4KΩ
17K
3.3 (V)
2.7K
29K
27K
6.7K
3.6 (V)
19.4K
69K
42K
14K
3.9 (V)
14k
30.5K
Ω 58KΩ
23K
4.5 (V)
8k
12.1k
Ω 180KΩ
49K
26K
17K
4.9 (V)
7.6k
Ω 850KΩ
77k
36K
24K
5.0 (V)
6.8k
86k
39K
26K
5.1 (V)
6.2k
540k
97K
42K
28K
5.5 (V)
4k
71k
160K
56K
36K
6.5 (V)
20.2k
112K
63K
8.0 (V)
7.2k
26K
400K
125K
9.0 (V)
11.3K
200K
10 (V)
5.2K
59K
345K
11 (V)
1.8K
18.5K
Ω 740KΩ
12 (V)
5.2K
12.6 (V)
830K
216K
R-78Axx-0.5 SMD
Series
Recommended Footprint Details
27-March-2007
147
www.recom-international.com


유사한 부품 번호 - R-78A15-0.5SMD

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-78A1.8-1.0SMD RECOM-R-78A1.8-1.0SMD Datasheet
148Kb / 4P
   1.0 AMP SMD Single Output
More results

유사한 설명 - R-78A15-0.5SMD

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-78AA-0.5 RECOM-R-78AA-0.5 Datasheet
120Kb / 5P
   0.5 AMP SMD Single Output
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com