전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM6651BU 데이터시트(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

부품명 AM6651BU
상세설명  MOTOR CONTROL CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM6651BU 데이터시트(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

  AM6651BU Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM6651BU Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM6651BU Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM6651BU Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM6651BU Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM6651BU Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM6651BU Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM6651BU Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM6651BU Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet
MOTOR CONTROL CIRCUIT
AM6651B
7
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Typical Application
Figure 7. Typical Application of AM6651B
Motor (6V DC Motor) constants
KA: Electromotive force constant
= 1.1mV/rpm
RA: Internal resistor = 5
KT: Torque constant = 100g.cm/A
AM
6651B
1
2
3
4
R
T
180
R
S
R
22
µH
M
10
µF
V
CC


유사한 부품 번호 - AM6651BU

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
AM6602 AITSEMI-AM6602 Datasheet
883Kb / 12P
   DUAL ENHANCEMENT MODE MOSFET (N- AND P-CHANNEL)
REV1.0
AM6602E6R AITSEMI-AM6602E6R Datasheet
883Kb / 12P
   DUAL ENHANCEMENT MODE MOSFET (N- AND P-CHANNEL)
REV1.0
AM6602E6VR AITSEMI-AM6602E6VR Datasheet
883Kb / 12P
   DUAL ENHANCEMENT MODE MOSFET (N- AND P-CHANNEL)
REV1.0
logo
Analog Power
AM6612N ANALOGPOWER-AM6612N Datasheet
214Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM6612N DOINGTER-AM6612N Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - AM6651BU

제조업체부품명데이터시트상세설명
logo
Wuxi Youda electronics ...
YD6651 YOUDA-YD6651 Datasheet
75Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Unisonic Technologies
AN6652 UTC-AN6652_16 Datasheet
155Kb / 5P
   MOTOR CONTROL CIRCUIT
logo
Panasonic Semiconductor
AN6651 PANASONIC-AN6651 Datasheet
97Kb / 3P
   Motor Control Circuit
logo
Seaward Electronics Inc...
SE6651 SEAWARD-SE6651 Datasheet
120Kb / 4P
   Motor Control Circuit
logo
Unisonic Technologies
AN6652 UTC-AN6652 Datasheet
111Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Panasonic Semiconductor
AN6652 PANASONIC-AN6652 Datasheet
33Kb / 2P
   Motor Control Circuit
logo
Wuxi Youda electronics ...
YD6651B YOUDA-YD6651B Datasheet
84Kb / 3P
   MOTOR CONTROL CIRCUIT
YD6652 YOUDA-YD6652 Datasheet
129Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Unisonic Technologies
AN6652 UTC-AN6652_15 Datasheet
115Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Wuxi Youda electronics ...
YD5530 YOUDA-YD5530 Datasheet
131Kb / 3P
   MOTOR CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com