전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM5680M28-E1 데이터시트(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

부품명 AM5680M28-E1
상세설명  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5680M28-E1 데이터시트(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5680M28-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5680M28-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5680
Data Sheet
8
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Focus Driver Characteristics (Note 6)
Figure 7. Spindle Driver Characteristics (Note 6)
Figure 6. Sled Driver Characteristics (Note 6)
Figure 5. Tracking Driver Characteristics (Note 6)
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
-4
-3
-2
-1
0
1
2
3
4
Input Voltage (V)
V
CC1
=V
CC2
=5V
V
BIAS
=1.65V
R
L
=10
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
-4
-3
-2
-1
0
1
2
3
4
Input Voltage (V)
V
CC1
=V
CC2
=5V
V
BIAS
=1.65V
R
L
=10
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
-4
-3
-2
-1
0
1
2
3
4
Input Voltage (V)
V
CC1
=V
CC2
=5V
V
BIAS
=1.65V
R
L
=10
-1.0
-0.5
0.0
0.5
1.0
-4
-3
-2
-1
0
1
2
3
4
Input Voltage (V)
V
CC1
=V
CC2
=5V
V
BIAS
=1.65V
R
L
=10
Note 6: Input voltage herein is referenced to Bias pin voltage.


유사한 부품 번호 - AM5680M28-E1

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665M28 BCDSEMI-AM5665M28 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665M28-E1 BCDSEMI-AM5665M28-E1 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

유사한 설명 - AM5680M28-E1

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com