전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM5954AM28 데이터시트(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

부품명 AM5954AM28
상세설명  4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5954AM28 데이터시트(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5954AM28 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5954AM28 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
9
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A
Figure 9. Op Amp Phase-Frequency, Amplitude-
Frequency Characteristics
Typical Performance Characteristics (Continued)
Figure 10. Power Dissipation Curve
10k
100k
1M
10M
-20
0
20
40
60
10k
100k
1M
10M
-180
-90
0
90
180
Frequency: f (Hz)
θ
V
CC
=12V
PV
CC
=5V
g
2.5V
10
µ
V IN
10K
20K
100
µ
0
50
100
150
0.0
0.4
0.8
1.2
1.6
2.0
Ambient Temperature (
OC)


유사한 부품 번호 - AM5954AM28

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AM5954AM28 ETC1-AM5954AM28 Datasheet
145Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR DVD
AM5954AM28-E1 ETC1-AM5954AM28-E1 Datasheet
145Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR DVD
More results

유사한 설명 - AM5954AM28

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com