전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD4243 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDD4243
상세설명  40V P-Channel PowerTrench MOSFET -40V, -14A, 44mohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD4243 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDD4243 Datasheet HTML 1Page - Fairchild Semiconductor FDD4243 Datasheet HTML 2Page - Fairchild Semiconductor FDD4243 Datasheet HTML 3Page - Fairchild Semiconductor FDD4243 Datasheet HTML 4Page - Fairchild Semiconductor FDD4243 Datasheet HTML 5Page - Fairchild Semiconductor FDD4243 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDD4243 Rev.C
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = -250µA, VGS = 0V
-40
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250µA, referenced to 25°C
-32
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -32V,
-1
µA
VGS = 0V
TJ = 125°C
-100
IGSS
Gate to Source Leakage Current
VGS = ±20V, VGS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250µA
-1
-1.6
-3
V
∆VGS(th)
∆TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250µA, referenced to 25°C
4.7
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = -10V, ID = -6.7A
36
44
m
VGS = -4.5V, ID = -5.5A
48
64
VGS = -10V, ID = -6.7A, TJ = 125°C
53
69
gFS
Forward Transconductance
VDS = -5V, ID = -6.7A
16
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -20V, VGS = 0V,
f = 1MHz
1165
1550
pF
Coss
Output Capacitance
165
220
pF
Crss
Reverse Transfer Capacitance
90
135
pF
Rg
Gate Resistance
f = 1MHz
4
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -20V, ID = -6.7A
VGS = -10V, RGEN = 6Ω
6
12
ns
tr
Rise Time
15
26
ns
td(off)
Turn-Off Delay Time
22
35
ns
tf
Fall Time
7
14
ns
Qg(TOT)
Total Gate Charge at 10V
VDD = -20V, ID = -6.7A
VGS = -10V
21
29
nC
Qgs
Gate to Source Gate Charge
3.4
nC
Qgd
Gate to Drain “Miller” Charge
4
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = -6.7A
(Note 2)
0.86
1.2
V
trr
Reverse Recovery Time
IF = -6.7A, di/dt = 100A/µs
29
43
ns
Qrr
Reverse Recovery Charge
30
44
nC
Notes:
1: RθJA is sum of junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is
guaranteed by design while RθJC is determined by the user’s board design.
2: Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3: Starting TJ = 25°C, L = 3mH, IAS = 7.5A, VDD = 40V, VGS = 10V.
a. 40°C/W when mounted on a 1 in2 pad of 2 oz copper
b. 96°C/W when mounted on a minimum pad.


유사한 부품 번호 - FDD4243

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD4243 FAIRCHILD-FDD4243 Datasheet
388Kb / 6P
   40V P-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDD4243 VBSEMI-FDD4243 Datasheet
1Mb / 9P
   P-Channel 4 0 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDD4243 TECHPUBLIC-FDD4243 Datasheet
1Mb / 5P
   P-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
FDD4243 UMW-FDD4243 Datasheet
672Kb / 6P
   P-Channel MOSFET
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
More results

유사한 설명 - FDD4243

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS4675 FAIRCHILD-FDS4675 Datasheet
73Kb / 5P
   40V P-Channel PowerTrench MOSFET
FDS4685 FAIRCHILD-FDS4685 Datasheet
506Kb / 5P
   40V P-Channel PowerTrench MOSFET
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD4243 FAIRCHILD-FDD4243_10 Datasheet
431Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com