전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

FDMA530PZ 데이터시트(Datasheet) 4 Page - Fairchild Semiconductor

부품명 FDMA530PZ
상세내용  Single P-Channel PowerTrench MOSFET -30V, -6.8A, 35mohm
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
FDMA530PZ Rev.B
www.fairchildsemi.com
4
Figure 7.
0
3
6
9
12
15
18
0
2
4
6
8
10
ID = -6.8A
VDD = -15V
VDD = -10V
Qg, GATE CHARGE(nC)
VDD = -20V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1000
2000
50
f = 1MHz
VGS = 0V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
20
Capacitance vs Drain
to Source Voltage
Figure 9.
0
5
10
15
20
25
30
35
1E-9
1E-8
1E-7
1E-6
1E-5
1E-4
1E-3
VGS = 0V
TJ = 25oC
TJ = 125oC
-VGS, GATE TO SOURCE VOLTAGE(V)
Gate Leakage Current
vs Gate to Source Voltage
Figure 10.
0.1
1
10
100
0.01
0.1
1
10
VGS= -4.5V
SINGLE PULSE
R
θJA
=
145
oC/W
TA = 25
oC
1s
DC
10s
100ms
10ms
1ms
100us
r
DS(on)
LIMIT
-VDS, DRAIN to SOURCE VOLTAGE (V)
60
Forward Bias Safe
Operating Area
Figure 11.
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0
30
60
90
120
150
SINGLE PULSE
RθJA = 145
oC/W
T
A=25
oC
t, PULSE WIDTH (s)
Single Pulse Maximum
Power Dissipation
Figure 12. Transient Thermal
Response Curve
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.01
0.1
1
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted




Html 페이지

1  2  3  4  5  6 


데이터시트



관련 부품명

부품명상세내용Html View제조사
FDMA291PSingle P-Channel 1.8V Specified PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FDMA520PZSingle P-Channel PowerTrench MOSFET -20V -7.3A 30mohm 1 2 3 4 5 MoreFairchild Semiconductor
NTGS4111PPower MOSFET -30 V -4.7 A Single P-Channel TSOP-6 1 2 3 4 5 ON Semiconductor
FDS8447Single N-Channel PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FDD424340V P-Channel PowerTrench MOSFET -40V -14A 44mohm 1 2 3 4 5 MoreFairchild Semiconductor
FDFC2P100Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V -3A 150mohm 1 2 3 4 5 MoreFairchild Semiconductor
NTLTS3107P_05Power MOSFET -20 V -8.3 A Single P-Channel Micro8 Leadless Package 1 2 3 4 5 ON Semiconductor
FDFMA2P029ZIntegrated P-Channel PowerTrench MOSFET and Schottky Diode -20V -3.1A 95mohm 1 2 3 4 5 MoreFairchild Semiconductor
FDFMA2P857Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V -3.0A 120mohm 1 2 3 4 5 MoreFairchild Semiconductor
NTGS3441P_06Power MOSFET -20 V -3.16 A Single P-Channel TSOP-6 1 2 3 4 5 MoreON Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl