전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDMB668P 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDMB668P
상세설명  P-Channel 1.8V Logic Level PowerTrench MOSFET -20V, -6.1A, 35mohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMB668P 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDMB668P Datasheet HTML 1Page - Fairchild Semiconductor FDMB668P Datasheet HTML 2Page - Fairchild Semiconductor FDMB668P Datasheet HTML 3Page - Fairchild Semiconductor FDMB668P Datasheet HTML 4Page - Fairchild Semiconductor FDMB668P Datasheet HTML 5Page - Fairchild Semiconductor FDMB668P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDMB668P Rev.B
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = -250µA, VGS = 0V
-20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250µA, referenced to 25°C
-11.4
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -16V, VGS = 0V
-1
µA
IGSS
Gate to Source Leakage Current
VGS = ±8V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250µA
-0.4
-0.6
-1.0
V
∆VGS(th)
∆TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250µA, referenced to 25°C
2.8
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = -4.5V, ID = -6.1A
22
35
m
VGS = -2.5V, ID = -5.1A
27
50
VGS = -1.8V, ID = -4.3A
35
70
VGS = -4.5V, ID = -6.1A,TJ = 125°C
31
50
gFS
Forward Transconductance
VDS = -4.5V, ID = -6.1A
27
S
(Note 2)
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -10V, VGS = 0V,
f = 1MHz
1565
2085
pF
Coss
Output Capacitance
210
280
pF
Crss
Reverse Transfer Capacitance
175
265
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -10V, ID = -6.1A
VGS = -4.5V, RGEN = 6Ω
7
14
ns
tr
Rise Time
9
18
ns
td(off)
Turn-Off Delay Time
176
282
ns
tf
Fall Time
84
135
ns
Qg
Total Gate Charge
VGS = 0V to -10V
VDD = -10V
ID = -6.1A
42
59
nC
Qg
Total Gate Charge
VGS = 0V to -5V
22
31
nC
Qgs
Gate to Source Gate Charge
3
nC
Qgd
Gate to Drain “Miller” Charge
5
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = -1.6A
(Note 2)
-0.7
-1.2
V
trr
Reverse Recovery Time
IF = -6.1A, di/dt = 100A/µs
29
44
ns
Qrr
Reverse Recovery Charge
15
23
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to- ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθJA is determined by the user’s board design.
2: Pulse Test: Pulse Width < 300 us, Duty Cycle < 2%.
a) 65°C/W when mounted on a
1in2 pad of 2 oz copper
b) 165°C/W when mounted on a
minimum pad .


유사한 부품 번호 - FDMB668P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDMB2307NZ FAIRCHILD-FDMB2307NZ Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
FDMB3800N FAIRCHILD-FDMB3800N Datasheet
326Kb / 7P
   Dual N-Channel PowerTrench MOSFET
FDMB3800N FAIRCHILD-FDMB3800N Datasheet
320Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 30V, 4.8A, 40m?
FDMB3800N_0610 FAIRCHILD-FDMB3800N_0610 Datasheet
320Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 30V, 4.8A, 40m?
FDMB3800N FAIRCHILD-FDMB3800N_12 Datasheet
204Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 30V, 4.8A, 40m
More results

유사한 설명 - FDMB668P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDMB506P FAIRCHILD-FDMB506P Datasheet
214Kb / 6P
   P-Channel 1.8V Logic Level PowerTrench MOSFET
FDP6021P FAIRCHILD-FDP6021P Datasheet
80Kb / 5P
   20V P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com