전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFPF08H60S 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FFPF08H60S
상세설명  Hyperfast 2 Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF08H60S 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FFPF08H60S Datasheet HTML 1Page - Fairchild Semiconductor FFPF08H60S Datasheet HTML 2Page - Fairchild Semiconductor FFPF08H60S Datasheet HTML 3Page - Fairchild Semiconductor FFPF08H60S Datasheet HTML 4Page - Fairchild Semiconductor FFPF08H60S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
tm
Rev. I24
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be
an exhaustive list of all such trademarks.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS
HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF
THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE
UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF
FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE
PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1.
Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and (c) whose failure to perform
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result
in significant injury to the user.
2.
A critical component is any component of a life support
device or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
ACEx®
Across the board. Around the world.™
ActiveArray™
Bottomless™
Build it Now™
CoolFET™
CROSSVOLT™
CTL™
Current Transfer Logic™
DOME™
E2CMOS™
EcoSPARK®
EnSigna™
FACT Quiet Series™
FACT®
FAST®
FASTr™
FPS™
FRFET®
GlobalOptoisolator™
GTO™
HiSeC™
i-Lo™
ImpliedDisconnect™
IntelliMAX™
ISOPLANAR™
MICROCOUPLER™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC®
OPTOPLANAR®
PACMAN™
POP™
Power220®
Power247®
PowerEdge™
PowerSaver™
PowerTrench®
Programmable Active Droop™
QFET®
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
ScalarPump™
SMART START™
SPM®
STEALTH™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TCM™
The Power Franchise®
TinyBoost™
TinyBuck™
TinyLogic®
TINYOPTO™
TinyPower™
TinyWire™
TruTranslation™
µSerDes™
UHC®
UniFET™
VCX™
Wire™
Datasheet Identification
Product Status
Definition
Advance Information
Formative or In Design
This datasheet contains the design specifications for product development.
Specifications may change in any manner without notice.
Preliminary
First Production
This datasheet contains preliminary data; supplementary data will be pub-
lished at a later date. Fairchild Semiconductor reserves the right to make
changes at any time without notice to improve design.
No Identification Needed
Full Production
This datasheet contains final specifications. Fairchild Semiconductor reserves
the right to make changes at any time without notice to improve design.
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontin-
ued by Fairchild semiconductor. The datasheet is printed for reference infor-
mation only.
tm


유사한 부품 번호 - FFPF08H60S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF08S60S FAIRCHILD-FFPF08S60S Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60SNTU FAIRCHILD-FFPF08S60SNTU Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST Datasheet
361Kb / 5P
   8 A, 600 V STEALTHTM II Diode
FFPF08S60STTU FAIRCHILD-FFPF08S60STTU Datasheet
361Kb / 5P
   8 A, 600 V STEALTHTM II Diode
More results

유사한 설명 - FFPF08H60S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFP08H60S FAIRCHILD-FFP08H60S_07 Datasheet
187Kb / 5P
   Hyperfast 2 Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S_07 Datasheet
130Kb / 5P
   Hyperfast 2 Rectifier
FFP04H60S FAIRCHILD-FFP04H60S Datasheet
348Kb / 5P
   4A, 600V Hyperfast 2 Rectifier
logo
Vishay Siliconix
VS-2EFH02-M3 VISHAY-VS-2EFH02-M3 Datasheet
113Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 28-Jun-16
VS-2EMH01-M3 VISHAY-VS-2EMH01-M3 Datasheet
123Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 10-Feb-15
VS-2EFH01HM3 VISHAY-VS-2EFH01HM3_V01 Datasheet
154Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EJH02-M3 VISHAY-VS-2EJH02-M3_V01 Datasheet
157Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EJH02HM3 VISHAY-VS-2EJH02HM3_V01 Datasheet
161Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EMH01HM3 VISHAY-VS-2EMH01HM3 Datasheet
124Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 10-Feb-15
VS-2EMH01-M3 VISHAY-VS-2EMH01-M3_V01 Datasheet
132Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com