전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-218 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-218
상세내용  SM Watch Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
SM Watch Crystal
GSX-218
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
01 May 1998
Option
Codes
SOLDER PAD LAYOUT
3.88
1.20
1.20
1.30
2.40
1.30
43
12
TOP VIEW
2.00
(max)
5.08
3
4
12
7.30
(max)
0.40
4.30
(max)
2.50
ACTUAL SIZE
Features
« 2mm high plastic moulded SM package
« Miniature size for high density applications
« Wide operating temperature range
« Supplied on tape and reel
GSX-218
Product
Parameters
Product name + option codes (if any)
eg:
GSX-218
GSX-218/D 6pF
Option code X (eg GSX-218/X) denotes a custom specification.
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Ordering Information
Specifications
Available on T&R - 3k pcs per reel.
Refer to our website for T&R and soldering details.
Frequency:
32.768kHz
Calibration tolerance:
±20ppm
±5 ~ ±100ppm
specify
Temperature stability:
-50ppm (-10 to +60°C)
-130ppm (-30 to +80°C)
Operating temperature range:
-10 to +60°C
Operable temperature range:
-30 to +80°C
Storage temperature range:
-30 to +80°C
Turnover temperature (T0):
+25°C ±5°C
Frequency / temp coefficient:
-0.038ppm/°C2 typ
Circuit condition:
12.5pF
6pF
D
Static capacitance (C0): 1.0pF typ
Motional capacitance (C1):
2.5fF typ
Equivalent series resistance (max):
55k
Ageing:
±3ppm max first year
Drive level:
1.0µW typ
Shock resistance:
±5ppm
Soldering conditions:
240°C, 10sec max




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
AGM2432B_07SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
CWX815CRYSTAL CONTROLLED OSCILLATORS 1 2 List of Unclassifed Manufacturers
CX74063-26RF Transceiver for Multi-Band GSM GPRS and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output 1 2 3 4 5 MoreSkyworks Solutions Inc.
AGM3224JSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
LC230WX3Liquid Crystal Display 23.0Inch WXGA TFT LCD 1 2 3 4 5 MoreLG Semicon Co.,Ltd.
CS8900A_01Crystal LAN TM ISA Ethernet Controller 1 2 3 4 5 MoreCirrus Logic
AGM6424B_06SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
LTA400W1-L01High contrast ratio high aperture structure - Color active matrix TFT Thin Film Transistor LCD liquid crystal display TV 1 2 3 4 5 MoreSamsung semiconductor
OVA5AB1BACRYSTAL CONTROLLED OSCILLATORS 1 2 List of Unclassifed Manufacturers

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl