전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB130 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 SB130
상세설명  Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB130 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  SB130 Datasheet HTML 1Page - Fairchild Semiconductor SB130 Datasheet HTML 2Page - Fairchild Semiconductor SB130 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB120-SB1100, Rev. C
2001 Fairchild Semiconductor Corporation
SB120 - SB1100
Schottky Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
1.25
W
RθJA
Thermal Resistance, Junction to Ambient
80
°C/W
Features
1.0 ampere operation at T
A
= 75°C
with no thermal runaway.
For use in low voltage, high frequency
inverters free wheeling, and polarity
protection applications.
Symbol
Parameter
Device
Units
120
130
140
150
160
180
1100
VF
Forward Voltage @ 1.0 A
500
700
850
mV
I
R
Reverse Current @ rated V
R
T
A = 25°C
T
A = 100°C
0.5
10
mA
mA
I
rr
Maximum Full Load Reverse Current, Full Cycle
T
A = 75°C
30
mA
C
T
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
110
pF
Symbol
Parameter
Value
Units
120
130
140
150
160
180
1100
V
RRM
Maximum Repetitive Reverse Voltage
20
30
40
50
60
80
100
V
I
F(AV)
Average Rectified Forward Current
.375 " lead length @ T
A = 75°C
1.0
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
30
A
T
stg
Storage Temperature Range
-65 to +125
°C
T
J
Operating Junction Temperature
-65 to +125
°C
Thermal Characteristics
DO-41
COLOR BAND DENOTES CATHODE


유사한 부품 번호 - SB130

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB130 PANJIT-SB130 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Rugao Dachang Electroni...
SB130 DACHANG-SB130 Datasheet
127Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SB130 CHENDA-SB130 Datasheet
586Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB130 VISHAY-SB130 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
SynSemi, Inc.
SB130 SYNSEMI-SB130 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

유사한 설명 - SB130

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com