전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCAN18540T 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 SCAN18540T
상세설명  Inverting Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SCAN18540T 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  SCAN18540T Datasheet HTML 1Page - Fairchild Semiconductor SCAN18540T Datasheet HTML 2Page - Fairchild Semiconductor SCAN18540T Datasheet HTML 3Page - Fairchild Semiconductor SCAN18540T Datasheet HTML 4Page - Fairchild Semiconductor SCAN18540T Datasheet HTML 5Page - Fairchild Semiconductor SCAN18540T Datasheet HTML 6Page - Fairchild Semiconductor SCAN18540T Datasheet HTML 7Page - Fairchild Semiconductor SCAN18540T Datasheet HTML 8Page - Fairchild Semiconductor SCAN18540T Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2000 Fairchild Semiconductor Corporation
DS010964
www.fairchildsemi.com
October 1991
Revised May 2000
SCAN18540T
Inverting Line Driver with 3-STATE Outputs
General Description
The SCAN18540T is a high speed, low-power line driver
featuring separate data inputs organized into dual 9-bit
bytes with byte-oriented paired output enable control sig-
nals. This device is compliant with IEEE 1149.1 Standard
Test Access Port and Boundary Scan Architecture with the
incorporation of the defined boundary-scan test logic and
test access port consisting of Test Data Input (TDI), Test
Data Out (TDO), Test Mode Select (TMS), and Test Clock
(TCK).
Features
s IEEE 1149.1 (JTAG) compliant
s Dual output enable signals per byte
s 3-STATE outputs for bus-oriented applications
s 9-bit data busses for parity applications
s Reduced-swing outputs source 32 mA/sink 64 mA
s Guaranteed to drive 50
Ω transmission line to TTL input
levels of 0.8V and 2.0V
s TTL compatible inputs
s 25 mil pitch SSOP (Shrink Small Outline Package)
s Includes CLAMP and HIGHZ instructions
s Member of Fairchild’s SCAN products
Ordering Code:
Connection Diagram
Pin Descriptions
Truth Tables
H
= HIGH Voltage Level X = Immaterial
L
= LOW Voltage Level
Z
= High Impedance
Order Number
Package Number
Package Description
SCAN18540TSSC
MS54A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
Pin Names
Description
AI(0–8)
Input pins, A side
BI(0–8)
Input pins, B side
AOE1, AOE2
3-STATE Output Enable Input pins, A side
BOE1, BOE2
3-STATE Output Enable Input pins, B side
AO(0–8)
Output pins, A side
BO(0–8)
Output pins, B side
Inputs
AO(0–8)
AOE1
AOE2
AI(0–8)
LL
H
L
HX
X
Z
XH
X
Z
LL
L
H
Inputs
BO(0–8)
BOE1
BOE2
BI(0–8)
LL
H
L
HX
X
Z
XH
X
Z
LL
L
H


유사한 부품 번호 - SCAN18540T

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
SCAN18540T NSC-SCAN18540T Datasheet
152Kb / 14P
   Inverting Line Driver with TRI-STATE Outputs
More results

유사한 설명 - SCAN18540T

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SCAN18541T FAIRCHILD-SCAN18541T Datasheet
90Kb / 11P
   Non-Inverting Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
SCAN18540T NSC-SCAN18540T Datasheet
152Kb / 14P
   Inverting Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240_11 Datasheet
133Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
May, 2011 ??Rev. 5
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
DM74ALS540A FAIRCHILD-DM74ALS540A Datasheet
61Kb / 5P
   Octal Inverting Buffer and Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com