전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N35 데이터시트(PDF) 6 Page - Texas Instruments

부품명 4N35
상세설명  COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

4N35 데이터시트(HTML) 6 Page - Texas Instruments

  4N35 Datasheet HTML 1Page - Texas Instruments 4N35 Datasheet HTML 2Page - Texas Instruments 4N35 Datasheet HTML 3Page - Texas Instruments 4N35 Datasheet HTML 4Page - Texas Instruments 4N35 Datasheet HTML 5Page - Texas Instruments 4N35 Datasheet HTML 6Page - Texas Instruments 4N35 Datasheet HTML 7Page - Texas Instruments 4N35 Datasheet HTML 8Page - Texas Instruments 4N35 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4N35, 4N36, 4N37
OPTOCOUPLERS
SOES021C – NOVEMBER 1981 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
The devices consist of a gallium-arsenide infrared-emitting diode and an npn silicon phototransistor. Each
device is available in a 6-terminal plastic dual-in-line package, shown in Figure 9, or in a DCJ plastic dual
surface-mount optocoupler package (see Mechanical Data).
C
L
C
0.021 (0,534)
0.015 (0,381)
6 Places
Seating Plane
L
0.300 (7,62) T.P.
(see Note A)
0.260 (6,61)
0.240 (6,09)
0.012 (0,305)
0.008 (0,203)
0.215 (5,46)
0.115 (2,92)
0.070 (1,78)
0.020 (0,51)
0.090 (2,29)
0.050 (1,27)
4 Places
0.040 (1,01) MIN
0.070 (1,78) MAX
6 Places
0.370 (9,40)
0.330 (8,38)
Index Dot
(see Note B)
105
°
90
°
1
2
3
6
5
4
(see Note C)
0.150 (3,81)
0.125 (3,17)
0.100 (2,54) T.P.
(see Note A)
NOTES: A. Terminals are within 0.005 (0,13) radius of true position (T.P.) with maximum material condition and unit installed.
B. Terminal 1 identified by index dot.
C. The dimensions given fall within JEDEC MO-001 AM dimensions.
D. All linear dimensions are in inches (millimeters).
Figure 9. Plastic Dual-in-Line Package


유사한 부품 번호 - 4N35

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
4N35 MOTOROLA-4N35 Datasheet
276Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
New Jersey Semi-Conduct...
4N35 NJSEMI-4N35 Datasheet
191Kb / 2P
   Photon Coupled Isolator
logo
ON Semiconductor
4N35 ONSEMI-4N35 Datasheet
545Kb / 10P
   6-Pin General Purpose Phototransistor Optocouplers
September, 2022 - Rev. P0
logo
Vishay Siliconix
4N35 VISHAY-4N35 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
logo
Everlight Electronics C...
4N35 EVERLIGHT-4N35 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results

유사한 설명 - 4N35

제조업체부품명데이터시트상세설명
logo
Texas Instruments
4N26 TI-4N26 Datasheet
151Kb / 4P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
4N35 TI-4N35_98 Datasheet
115Kb / 8P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
TIL117 TI-TIL117 Datasheet
297Kb / 7P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGATED CIRCUITS
logo
NTE Electronics
NTE74C14 NTE-NTE74C14 Datasheet
52Kb / 1P
   INTEGRATED CIRCUITS-TTL
logo
M/A-COM Technology Solu...
MAAD-000523 MA-COM-MAAD-000523 Datasheet
226Kb / 7P
   Integrated CMOS/TTL Compatible Driver
logo
Unisonic Technologies
U74ACT02G-P14-R UTC-U74ACT02G-P14-R Datasheet
187Kb / 4P
   Compatible With TTL Output
logo
Astec America, Inc
ALT ASTEC-ALT Datasheet
845Kb / 2P
   TTL compatible
logo
Nel Frequency Controls,...
SJ-460 NEL-SJ-460_10 Datasheet
100Kb / 3P
   CMOS (TTL Compatible)
logo
Lite-On Technology Corp...
LTDL-TA25B-T1 LITEON-LTDL-TA25B-T1 Datasheet
128Kb / 5P
   TTL INTERFACE COMPATIBLE
logo
Connor-Winfield Corpora...
HC51R5 CONNOR-WINFIELD-HC51R5 Datasheet
55Kb / 1P
   HCMOS/TTL COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com