전자부품 데이터시트 검색엔진 |
|
CA3094BM 데이터시트(PDF) 10 Page - Intersil Corporation |
|
CA3094BM 데이터시트(HTML) 10 Page - Intersil Corporation |
10 / 14 page 3-10 FIGURE 20. DUAL VOLTAGE TRACKING REGULATOR FIGURE 21. GROUND FAULT INTERRUPTER (GFI) AND WAVEFORMS PERTINENT TO GROUND FAULT DETECTOR Typical Applications (Continued) CA3094A 2 3 8 6 7 1 200k Ω 5 - + -15V REG. OUTPUT 4 10k Ω ±1% 10k Ω ±1% V- INPUT (NOTE 22) 5.1k Ω 100 Ω 0.03 µF COMMON RETURN 0.0056 µF 4 6 7 2 3 CA3085A VOLTAGE REG. 0.01 µF REF. 1.6V 1.5k Ω 10k Ω 5k Ω R V+ INPUT (NOTE 21) 1 8 NOTE 23 +15V REG. OUTPUT NOTES: 21. V+ Input Range = 19V to 30V for 15V output. 22. V- Input Range = -16V to -30V for -15V output. 23. Max IOUT = ±100mA. 24. Regulation: Max Line ∆V OUT V OUT Initial () []∆V IN ----------------------------------------------------------- 100 × 0.075% V ⁄ == (IL from 1mA to 50mA) Max Load ∆V OUT V OUT Initial () --------------------------------------- 100 × 0.075% V OU T == 5.6 Ω CA3094B 3 2 6 4 5 7 - + 3.3M Ω 8 0.001 µF 1k Ω 100k Ω L R 47k Ω C2 0.1 µF 47k Ω C 0.02 µF 3.3 k Ω 200 Ω 33k Ω +3V 1mA RTRIP 200mV RANGE 36V ILOAD CIRCUIT BREAKER CONTROL SOLENOID IABC 10 µA IA 20 µA 100 Ω NOTES: 25. Differential current sensor provides 60mV signal ≈ 5mA of unbalance (Trip) current. 26. All Resistors are 1/2 Watt, ±10%. 27. RC selected for 3dB point at 200Hz. 28. C2 = AC bypass. 29. Offset adj. included in RTRIP. 30. Input impedance from 2 to 3 = 800k Ω. 31. With no input signal Terminal 8 (output) at 36V. VOLTAGE BETWEEN TERMINALS 2 AND 4 VOLTAGE BETWEEN TERMINALS 3 AND 4 (ADJUSTABLE WITH RTRIP) 3 GROUND FAULT SIGNAL 60Hz CIRCUIT TRIPS ON POSITIVE PEAKS WILL SWITCH WITHIN 1.5 CYCLES 60mV TYPICAL t (NOTE 28) (NOTE 27) CA3094, CA3094A, CA3094B |
유사한 부품 번호 - CA3094BM |
|
유사한 설명 - CA3094BM |