전자부품 데이터시트 검색엔진 |
|
TL712CPSR 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
TL712CPSR 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 12 page TL712 DIFFERENTIAL COMPARATOR SLCS002D − JUNE 1983 − REVISED AUGUST 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions MIN NOM MAX UNIT VCC Supply voltage 4.75 5 5.25 V VIC Common-mode input voltage 0 5.5 V IOH High-level output current −1 mA IOL Low-level output current 16 mA TA Operating free-air temperature 0 70 °C electrical characteristics at VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VT Threshold voltage (VT+ and VT−) VICR = 0 to 5 V − 100† 100 mV Vhys Hysteresis (VT+ − VT−) 5 mV VOH High-level output voltage VID = 100 mV, IOH = − 1 mA 2.7 3.5 V VOL Low-level output voltage VID = − 100 mV, IOL = 16 mA 0.4 0.5 V IOZ Off-state output current VO = 2.4 V −20 µA II Enable current VI = 5.5 V 100 µA IIH High-level enable current VIH = 2.7 V 20 µA IIL Low-level enable current VIL = 0.4 V − 360 µA ri Differential input resistance 4 k Ω ro Output resistance 100 Ω IOS Short-circuit output current −15 −85 mA ICC Supply current VID = 0, No load 17 20 mA † The algebraic convention, where the more-negative limit is designated as minimum, is used in this data sheet for input threshold voltage levels only. switching characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT tPLH Propagation delay time, low-to-high-level output TTL load, See Note 5 and Figure 1 25 ns tPHL Propagation delay time, high-to-low-level output TTL load, See Note 5 and Figure 1 25 ns NOTE 5: The response time specified is for a 100-mV input step with 5-mV overdrive (105 mV total) and is the interval between the input step function and the instant when the output crosses 2.5 V. |
유사한 부품 번호 - TL712CPSR |
|
유사한 설명 - TL712CPSR |