전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL7770-5QDW 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TL7770-5QDW
상세설명  DUAL POWER-SUPPLY SUPERVISORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL7770-5QDW 데이터시트(HTML) 1 Page - Texas Instruments

  TL7770-5QDW Datasheet HTML 1Page - Texas Instruments TL7770-5QDW Datasheet HTML 2Page - Texas Instruments TL7770-5QDW Datasheet HTML 3Page - Texas Instruments TL7770-5QDW Datasheet HTML 4Page - Texas Instruments TL7770-5QDW Datasheet HTML 5Page - Texas Instruments TL7770-5QDW Datasheet HTML 6Page - Texas Instruments TL7770-5QDW Datasheet HTML 7Page - Texas Instruments TL7770-5QDW Datasheet HTML 8Page - Texas Instruments TL7770-5QDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TL7770-5, TL7770-12
DUAL POWER-SUPPLY SUPERVISORS
SLVS019F – OCTOBER 1987 – REVISED JULY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Power-On Reset Generator
D Automatic Reset Generation After Voltage
Drop
D RESET Defined When VCC Exceeds 1 V
D Wide Supply-Voltage Range . . . 3.5 V
to 18 V
D Precision Overvoltage and Undervoltage
Sensing
D 250-mA Peak Output Current for Driving
SCR Gates
D 2-mA Active-Low SCR Gate Drive for
False-Trigger Protection
D Temperature-Compensated Voltage
Reference
D True and Complementary Reset Outputs
D Externally Adjustable Output Pulse
Duration
description
The TL7770 is an integrated-circuit system supervisor designed for use as a reset controller in microcomputer
and microprocessor power-supply systems. This device contains two independent supply-voltage supervisors
that monitor the supplies for overvoltage and undervoltage conditions at the VSO and VSU terminals,
respectively. When VCC attains the minimum voltage of 1 V during power up, the RESET output becomes active
(low). As VCC approaches 3.5 V, the time-delay function activates, latching RESET and RESET active (high and
low, respectively) for a time delay (td) after system voltages have achieved normal levels. Above VCC = 3.5 V,
taking RESIN low activates the time-delay function during normal system-voltage levels. To ensure that the
microcomputer system has reset, the outputs remain active until the voltage at VSU exceeds the threshold
value, VIT+, for a time delay, which is determined by an external timing capacitor such that:
t
d
[ 20
103
capacitance
where td is in seconds and capacitance is in farads.
The overvoltage-detection circuit is programmable for a wide range of designs. During an overvoltage condition,
an internal silicon-controlled rectifier (SCR) is triggered, providing 250-mA peak instantaneous current and
25-mA continuous current to the SCR gate drive terminal, which can drive an external high-current SCR gate
or an overvoltage-warning circuit.
The TL7770C series is characterized for operation from 0
°C to 70°C. The TL7770I series is characterized for
operation from –40
°C to 85°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1RESIN
1CT
1RESET
1RESET
1VSU
1VSO
1SCR DRIVE
GND
VCC
2RESIN
2CT
2RESET
2RESET
2VSU
2VSO
2SCR DRIVE


유사한 부품 번호 - TL7770-5QDW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL7770-5QDW TI1-TL7770-5QDW Datasheet
758Kb / 18P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
TL7770-5QDWR TI1-TL7770-5QDWR Datasheet
758Kb / 18P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
More results

유사한 설명 - TL7770-5QDW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL7770 TI-TL7770 Datasheet
128Kb / 9P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
TL7770-5 TI1-TL7770-5_14 Datasheet
758Kb / 18P
[Old version datasheet]   DUAL POWER-SUPPLY SUPERVISORS
logo
Micrel Semiconductor
MIC2753 MICREL-MIC2753_02 Datasheet
68Kb / 12P
   Power Supply Supervisors
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Maxim Integrated Produc...
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com