전자부품 데이터시트 검색엔진 |
|
LM317DCY 데이터시트(PDF) 10 Page - Texas Instruments |
|
|
LM317DCY 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 22 page www.ti.com R1 240 Ω R2 2.4 k Ω INPUT OUTPUT ADJUST LM317 VI RS 0.2 Ω (see Note A) NOTE A: RS controls the output impedance of the charger. The use of RS allows for low charging rates with a fully charged battery. Z OUT + RS 1 ) R2 R1 INPUT OUTPUT ADJUST LM317 VI 24 Ω R1 240 Ω INPUT OUTPUT ADJUST LM317 VO = 15 V VI D1 1N4002 R2 2.7 k Ω C1 25 µF R3 50 k Ω 2N2905 LM317 3-TERMINAL ADJUSTABLE REGULATOR SLVS044R – SEPTEMBER 1997 – REVISED APRIL 2007 APPLICATION INFORMATION (continued) Figure 8. Battery-Charger Circuit Figure 9. 50-mA Constant-Current Battery-Charger Circuit Figure 10. Slow Turn-On 15-V Regulator Circuit 10 Submit Documentation Feedback |
유사한 부품 번호 - LM317DCY |
|
유사한 설명 - LM317DCY |