전자부품 데이터시트 검색엔진 |
|
TL7702AMFKB 데이터시트(PDF) 4 Page - Texas Instruments |
|
TL7702AMFKB 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 17 page TL7702A, TL7705A, TL7709A, TL7712A, TL7715A SUPPLY-VOLTAGE SUPERVISORS SLVS028H – APRIL 1983 – REVISED MAY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions MIN MAX UNIT VCC Supply voltage 3.5 18 V VIH High-level input voltage at RESIN 2 V VIL Low-level input voltage at RESIN 0.6 V TL7702A 0 See Note 2 TL7705A 0 10 VI Input voltage, SENSE TL7709A 0 15 V TL7712A 0 20 TL7715A 0 20 IOH High-level output current, RESET –16 mA IOL Low-level output current, RESET 16 mA TA Operating free air temperature range TL77xxAC 0 70 °C TA Operating free-air temperature range TL77xxAI –40 85 °C NOTE 2: For proper operation of the TL7702A, the voltage applied to the SENSE terminal should not exceed VCC – 1 V or 6 V, whichever is less. electrical characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS† TL77xxAC TL77xxAI UNIT MIN TYP MAX VOH High-level output voltage, RESET IOH = –16 mA VCC–1.5 V VOL Low-level output voltage, RESET IOL = 16 mA 0.4 V Vref Reference voltage TA = 25°C 2.48 2.53 2.58 V TL7702A 2.48 2.53 2.58 Nti i it th h ld lt TL7705A 4.5 4.55 4.6 VIT– Negative-going input threshold voltage, SENSE TL7709A TA = 25°C 7.5 7.6 7.7 V SENSE TL7712A 10.6 10.8 11 TL7715A 13.2 13.5 13.8 TL7702A 10 TL7705A 15 Vhys Hysteresis, SENSE (VIT+ – VIT–) TL7709A TA = 25°C 20 mV y TL7712A 35 TL7715A 45 RESIN VI = 2.4 V to VCC 20 II Input current RESIN VI = 0.4 V –100 µA SENSE TL7702A Vref < VI < VCC – 1.5 V 0.5 2 IOH High-level output current, RESET VO = 18 V 50 µA IOL Low-level output current, RESET VO = 0 –50 µA ICC Supply current All inputs and outputs open 1.8 3 mA † All electrical characteristics are measured with 0.1- µF capacitors connected at REF, CT, and VCC to GND. |
유사한 부품 번호 - TL7702AMFKB |
|
유사한 설명 - TL7702AMFKB |