전자부품 데이터시트 검색엔진 |
|
MAX232ECDWR 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
MAX232ECDWR 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 16 page www.ti.com MAX232E DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION SLLS723 – APRIL 2006 ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP – N Tube of 25 MAX232ECN MAX232ECN Tube of 40 MAX232ECD SOIC – D MAX232EC Reel of 2500 MAX232ECDR Tube of 40 MAX232ECDW 0 °C to 70°C SOIC – DW MAX232EC Reel of 2000 MAX232ECDWR SOP – NS Reel of 2000 MAX232ECNSR Preview Tube of 25 MAX232ECPW TSSOP – PW MAX232EC Reel of 2000 MAX232ECPWR PDIP – N Tube of 25 MAX232EIN MAX232EIN Tube of 40 MAX232EID SOIC – D MAX232EI Reel of 2500 MAX232EIDR Tube of 40 MAX232EIDW –40 °C to 85°C SOIC – DW MAX232EI Reel of 2000 MAX232EIDWR SOP – NS Reel of 2000 MAX232EINSR Preview Tube of 25 MAX232EIPW TSSOP – PW MB232EI Reel of 2000 MAX232EIPWR (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. 2 Submit Documentation Feedback |
유사한 부품 번호 - MAX232ECDWR |
|
유사한 설명 - MAX232ECDWR |