전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA9538 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 PCA9538
상세설명  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCA9538 데이터시트(HTML) 1 Page - Texas Instruments

  PCA9538 Datasheet HTML 1Page - Texas Instruments PCA9538 Datasheet HTML 2Page - Texas Instruments PCA9538 Datasheet HTML 3Page - Texas Instruments PCA9538 Datasheet HTML 4Page - Texas Instruments PCA9538 Datasheet HTML 5Page - Texas Instruments PCA9538 Datasheet HTML 6Page - Texas Instruments PCA9538 Datasheet HTML 7Page - Texas Instruments PCA9538 Datasheet HTML 8Page - Texas Instruments PCA9538 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
FEATURES
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
RESET
P0
P1
P2
P3
GND
VCC
SDA
SCL
INT
P7
P6
P5
P4
RGV PACKAGE
(TOP VIEW)
16
6
8
2
10
P7
4
3
1
7
5
12
11
9
13
14
15
P6
INT
SCL
RESET
P0
P1
P2
RGT PACKAGE
(TOP VIEW)
16
6
8
2
10
P7
4
3
1
7
5
12
11
9
13
14
15
P6
INT
SCL
RESET
P0
P1
P2
DESCRIPTION/ORDERING INFORMATION
PCA9538
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS126D – SEPTEMBER 2006 – REVISED MARCH 2007
• Low Standby Current Consumption of
• Power-Up With All Channels Configured as
1
µA Max
Inputs
• I2C to Parallel Port Expander
• No Glitch on Power Up
• Open-Drain Active-Low Interrupt Output
• Noise Filter on SCL/SDA Inputs
• Active-Low Reset Input
• Latched Outputs With High-Current Drive
Maximum Capability for Directly Driving LEDs
• Operating Power-Supply Voltage Range of
2.3 V to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• 5-V Tolerant I/O Ports
• ESD Protection Exceeds JESD 22
• 400-kHz Fast I2C Bus
2000-V Human-Body Model (A114-A)
• Two Hardware Address Pins Allow up to Four
Devices on the I2C/SMBus
200-V Machine Model (A115-A)
• Input/Output Configuration Register
1000-V Charged-Device Model (C101)
• Polarity Inversion Register
This 8-bit I/O expander for the two-line bidirectional bus (I2C) is designed for 2.3-V to 5.5-V VCC operation. It
provides general-purpose remote I/O expansion for most microcontroller families via the I2C interface [serial
clock (SCL), serial data (SDA)].
The PCA9538 consists of one 8-bit Configuration (input or output selection), Input Port, Output Port, and Polarity
Inversion (active high or active low) registers. At power on, the I/Os are configured as inputs. However, the
system master can enable the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data
for each input or output is kept in the corresponding Input Port or Output Port register. The polarity of the Input
Port register can be inverted with the Polarity Inversion register. All registers can be read by the system master.
The system master can reset the PCA9538 in the event of a timeout or other improper operation by asserting a
low in the RESET input. The power-on reset puts the registers in their default state and initializes the I2C/SMBus
state machine. The RESET pin causes the same reset/initialization to occur without powering down the part.
The PCA9538 open-drain interrupt (INT) output is activated when any input state differs from its corresponding
Input Port register state and is used to indicate to the system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via
the I2C bus. Thus, the PCA9538 can remain a simple slave device.
The device outputs (latched) have high-current drive capability for directly driving LEDs. It has low current
consumption.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - PCA9538

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PCA9538 PHILIPS-PCA9538 Datasheet
197Kb / 18P
   8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
logo
Texas Instruments
PCA9538 TI-PCA9538 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9538 NXP-PCA9538 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
More results

유사한 설명 - PCA9538

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com