전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA733C 데이터시트(PDF) 8 Page - Texas Instruments

부품명 UA733C
상세설명  DIFFERENTIAL VIDEO AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UA733C 데이터시트(HTML) 8 Page - Texas Instruments

Back Button UA733C Datasheet HTML 4Page - Texas Instruments UA733C Datasheet HTML 5Page - Texas Instruments UA733C Datasheet HTML 6Page - Texas Instruments UA733C Datasheet HTML 7Page - Texas Instruments UA733C Datasheet HTML 8Page - Texas Instruments UA733C Datasheet HTML 9Page - Texas Instruments UA733C Datasheet HTML 10Page - Texas Instruments UA733C Datasheet HTML 11Page - Texas Instruments UA733C Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
The
and no longer supplied.
mA733M is obsolete
mA733C, mA733M
DIFFERENTIAL VIDEO AMPLIFIERS
SLFS027B − NOVEMBER 1970 − REVISED MAY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
RESISTANCE BETWEEN G1A AND G1B
10
40
100
400
1 k
4 k
10 k
1000
700
400
200
100
70
40
20
10
Radj − Resistance Between G1A and G1B − Ω
VCC ± = ±6 V
VOD = 1 V
TA = 25°C
See Figure 6
Figure 12
SINGLE-ENDED VOLTAGE AMPLIFICATION
vs
FREQUENCY
f − Frequency − MHz
1
4
10
40
100
400
GAIN 1
GAIN 2
GAIN 3
VCC ± = ±6 V
TA = 25°C
50
40
30
20
10
0
Figure 13
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
mA733C
20
18
16
14
12
10
8
6
4
2
0
−75
− 50
− 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
VCC ± = ±6 V
No Load
No Signal
Figure 14
345
67
8
24
20
16
12
8
4
0
|VCC±| − Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
No Load
No Signal
TA = 25°C


유사한 부품 번호 - UA733C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA733C TI-UA733C Datasheet
486Kb / 16P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
logo
List of Unclassifed Man...
UA733C ETC2-UA733C Datasheet
157Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
UA733C TI1-UA733C Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
logo
Rochester Electronics
UA733CA ROCHESTER-UA733CA Datasheet
628Kb / 1P
   TWO-STAGE VIDEO AMPLIFIER reintroducing the UA733M version 14 pin DIP
logo
Texas Instruments
UA733CD TI-UA733CD Datasheet
486Kb / 16P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
More results

유사한 설명 - UA733C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA733 TI-UA733 Datasheet
486Kb / 16P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733C TI1-UA733C Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
logo
Harris Corporation
CA3002 HARRIS-CA3002 Datasheet
298Kb / 6P
   DIFFERENTIAL AMPLIFIERS
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592 TI1-TL592 Datasheet
95Kb / 5P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
TL592B TI-TL592B Datasheet
339Kb / 11P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
   Differential video amplifier
April 15, 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com