전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA733CNSRE4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 UA733CNSRE4
상세설명  DIFFERENTIAL VIDEO AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UA733CNSRE4 데이터시트(HTML) 3 Page - Texas Instruments

  UA733CNSRE4 Datasheet HTML 1Page - Texas Instruments UA733CNSRE4 Datasheet HTML 2Page - Texas Instruments UA733CNSRE4 Datasheet HTML 3Page - Texas Instruments UA733CNSRE4 Datasheet HTML 4Page - Texas Instruments UA733CNSRE4 Datasheet HTML 5Page - Texas Instruments UA733CNSRE4 Datasheet HTML 6Page - Texas Instruments UA733CNSRE4 Datasheet HTML 7Page - Texas Instruments UA733CNSRE4 Datasheet HTML 8Page - Texas Instruments UA733CNSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
The
and no longer supplied.
mA733M is obsolete
mA733C, mA733M
DIFFERENTIAL VIDEO AMPLIFIERS
SLFS027B − NOVEMBER 1970 − REVISED MAY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
mA733C
mA733M
UNIT
Supply voltage VCC+ (see Note 1)
8
8
V
Supply voltage VCC− (see Note 1)
− 8
− 8
V
Differential input voltage
± 5
± 5
V
Common-mode input voltage
± 6
± 6
V
Output current
10
10
mA
Continuous total power dissipation
See Dissipation Rating Table
D package
86
Package thermal impedance,
qJA (see Notes 2 and 3)
N package
80
°C/W
Package thermal impedance,
qJA (see Notes 2 and 3)
NS package
76
C/W
Maximum junction temperature, TJ
150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J or U package
300
°C
Storage temperature range, Tstg
− 65 to 150
− 65 to 150
°C
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential input voltages, are with respect to the midpoint between VCC+ and VCC–.
2. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
J (
µA733M)
500 mW
11.0 mW/
°C
104
°C
500 mW
269 mW


유사한 부품 번호 - UA733CNSRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA733CNSR TI-UA733CNSR Datasheet
486Kb / 16P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733CNSR TI1-UA733CNSR Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
More results

유사한 설명 - UA733CNSRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA733 TI-UA733 Datasheet
486Kb / 16P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733C TI1-UA733C Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
logo
Harris Corporation
CA3002 HARRIS-CA3002 Datasheet
298Kb / 6P
   DIFFERENTIAL AMPLIFIERS
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592 TI1-TL592 Datasheet
95Kb / 5P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
TL592B TI-TL592B Datasheet
339Kb / 11P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
   Differential video amplifier
April 15, 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com