전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS80C286-20 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 CS80C286-20
상세설명  High Performance Microprocessor with Memory Management and Protection
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS80C286-20 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button CS80C286-20 Datasheet HTML 4Page - Intersil Corporation CS80C286-20 Datasheet HTML 5Page - Intersil Corporation CS80C286-20 Datasheet HTML 6Page - Intersil Corporation CS80C286-20 Datasheet HTML 7Page - Intersil Corporation CS80C286-20 Datasheet HTML 8Page - Intersil Corporation CS80C286-20 Datasheet HTML 9Page - Intersil Corporation CS80C286-20 Datasheet HTML 10Page - Intersil Corporation CS80C286-20 Datasheet HTML 11Page - Intersil Corporation CS80C286-20 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
TABLE 1. FLAGS WORD BIT FUNCTIONS
BIT POSITION
NAME
FUNCTION
0
CF
Carry Flag - Set on high-order bit carry or borrow; cleared otherwise.
2
PF
Parity Flag - Set if low-order 8 bits of result contain an even number of 1 bits; cleared otherwise.
4
AF
Set on carry from or borrow to the low order four bits of AL; cleared otherwise.
6
ZF
Zero Flag - Set if result is zero; cleared otherwise.
7
SF
Sign Flag - Set equal to high-order bit of result (0 if positive, 1 if negative).
11
OF
Overflow Flag - Set if result is a too-large positive number or a too-small negative number (excluding
sign-bit) to fit in destination operand; cleared otherwise.
8
TF
Single Step Flag - Once set, a single step interrupt occurs after the next instruction executes. TF is
cleared by the single step interrupt.
9
IF
Interrupt-Enable Flag - When set, maskable interrupts will cause the CPU to transfer control to an inter-
rupt vector specified location.
10
DF
Direction Flag - Causes string instructions to auto decrement the appropriate index registers when set.
Clearing DF causes auto increment.
CONTROL FLAGS:
TRAP FLAG
INTERRUPT ENABLE
DIRECTION FLAG
SPECIAL FIELDS:
I/O PRIVILEGE LEVEL
NESTED TASK FLAG
TS
EM
MP
PE
CF
PF
AF
ZF
SF
TF
IF
DF
OF
IOPL
NT
FLAGS:
14
15
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
1
2
3
15
OVERFLOW
SIGN
ZERO
AUXILIARY CARRY
PARITY
CARRY
STATUS FLAGS:
MSW:
RESERVED
TASK SWITCH
PROCESSOR EXTENSION EMULATED
MONITOR PROCESSOR EXTENSION
PROTECTION ENABLE
FIGURE 2. STATUS AND CONTROL REGISTER BIT FUNCTIONS
80C286


유사한 부품 번호 - CS80C286-20

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CS80C286-20 INTERSIL-CS80C286-20 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
CS80C286-20 INTERSIL-CS80C286-20 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

유사한 설명 - CS80C286-20

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com